Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC32300A/B.EVB Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC32300A/B.EVB
Description  Synchronous Power MOSFET Driver With Integrated 3.3V LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC32300A/B.EVB Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC32300A/B.EVB Datasheet HTML 10Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 11Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 12Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 13Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 14Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 15Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 16Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 17Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
SC32300B
17
Land Pattern — 2.3mm x 2.3mm MLPD-UT-10
1.20
1.80
3.00
0.25
0.70
0.45
1.60
(2.30)
NO TES:
2.
THERM AL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
SHALL BE CO NNECTED TO A SYSTEM GROUND PLANE.
FUNCTIO NAL PERFO RM ANCE OF THE DEVICE.
FAILURE TO DO SO M AY CO M PRO M ISE THE THERM AL AND/OR
DIM ENSIONS
G
K
H
X
Y
P
Z
C
DIM M ILLIM ETERS
3.
1. CONTROLLING DIM ENSIONS ARE IN M ILLIM ETERS (ANGLES IN DEGREES).
THIS LAND PATTERN IS FO R REFERENCE PURPOSES ONLY.
CO NSULT YO UR M ANUFACTURING GROUP TO ENSURE YOUR
CO M PANY'S M ANUFACTURING GUIDELINES ARE M ET.
P
Y
Z
(C)
H
G
K
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com