Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC32300A/B.EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC32300A/B.EVB
Description  Synchronous Power MOSFET Driver With Integrated 3.3V LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC32300A/B.EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC32300A/B.EVB Datasheet HTML 3Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 4Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 5Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 6Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 7Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 8Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 9Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 10Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SC32300B
7
Pin Descriptions
Pin #
Pin Name
Pin Function
1
BST
Bootstrap pin, supply for the high-side driver.
2
VLDO
3.3V LDO output pin.
3
FCCM
If FCCM pin is low, the low-side MOSFET is turned off when the inductor current reaches zero (di-
ode emulation mode); if FCCM pin is pulled high or floated, the device operates in forced continu-
ous conduction mode (FCCM).
4
DT
Dead time programming pin. Connect a ceramic capacitor from this pin to GND to set the dead
time (1ns/pF) between DH and DL.
5
PWM
PWM input pin.
6
GND
Ground pin.
7
DL
Low-side drive output pin.
8
VDD
Power supply pin for the device.
9
LX
Phase node.
10
DH
High-side drive output pin.
THERMAL PAD
The exposed pad enhances thermal performance and is not electrically connected inside the pack-
age. It is recommended to connect the exposed pad to the ground plane.
Block Diagram
DT
Control Logic
VDD
VDD
Bootstrap Switch
LDO
PW M
BST
DH
LX
DL
GND
Zero Cross Detector
Shoot-through
Protection
9
8
4
10
1
6
7
5
VLDO
2
FCCM 3
L/S
Figure 4. SC32300B Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com