Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC32300A/B.EVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC32300A/B.EVB
Description  Synchronous Power MOSFET Driver With Integrated 3.3V LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC32300A/B.EVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC32300A/B.EVB Datasheet HTML 6Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 7Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 8Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 9Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 10Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 11Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 12Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 13Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SC32300B
10
Application Information
Overview
The SC32300B is a high-side and low-side N-channel
MOSFET driver. The driver receives a ground-referenced
PWM signal with fast slew rate to drive two N-channel
MOSFETs in a synchronous buck converter or any
other application with two MOSFETs in a half-bridge
configuration. The SmartDriveTMfunction at the turn-on of
the high-side MOSFET reduces the voltage ringing on the
low-side switch and also reduces the EMI. Tying the FCCM
pin to ground offers diode emulation mode operation to
achieve high efficiency at light load. The Under-Voltage-
Lock-Out (UVLO) threshold ensures a reliable drive
voltage for the external MOSFETs. The over temperature
shutdown feature is also included to prevent the driver
from overheating.
For a synchronous buck converter application, the
SC32300B takes the PWM signal from the buck controller
as the input, and outputs drive signals on the DH pin
and the DL pin to drive the external MOSFETs. The buck
controller senses and regulates the output voltage of the
converter as shown in Figure 5 on page 13.
The SC32300B can also be used together with the
SC32300A to drive a DC motor or similar load. Figure 7 on
page 15 shows one typical application for driving the DC
motor in an electronic tool. The SC32300A and SC32300B
are controlled by PWM signals from the microcontroller.
The SC32300A takes its input from the battery and
regulates a 5.25V output on its VDD pin. This 5.25V is
used to bias the internal control circuitry and the low-
side driver. The 5.25V LDO output is also connected to
the VDD pin of the SC32300B to bias its internal circuitry
and low-side driver, and functions as the input for a 3.3V
LDO in the SC32300B. The 3.3V LDO can then be used to
power the microcontroller. The feature of programming
the dead-time offers the flexibility to design the switch
clamp circuitry for more reliable system operation.
Under Voltage Lockout
The SC32300B has an under voltage lockout (UVLO)
circuit which keeps the driver off when the input voltage
is not high enough to drive the external MOSFETs reliably.
During power on, the driver outputs (DH and DL) are low
until the input voltage reaches the UVLO rising threshold.
Once the UVLO threshold is reached, the driver outputs
are determined by the signals on the PWM pin and FCCM
pin. The UVLO falling threshold is about 0.2V lower which
prevents the driver from turning on and off due to a slow
input slew rate.
Tri-State PWM Input
The SC32300B features a tri-state PWM input pin. When
the PWM signal is less than 1V (typical), it is considered as
a logic low while the signal is taken as a logic high when
it is higher than 2.1V (typical). 1V to 2.1V is the tri-state
window for the PWM signal. These thresholds make it
work well for both 3.3V logic and 5V logic PWM signals.
If the PWM pin is left floating, the internal resistor divider
sets the voltage on the PWM pin to 1.45V which is within
the tri-state window. For a synchronous buck converter
application, pre-biased output startup is supported if the
buck controller features a tri-state PWM output pin.
Programmable Dead Time Control
The dead time control is to prevent shoot-through of
the high-side MOSFET and the low-side MOSFET. Shoot-
through can cause poor efficiency and even cause the
MOSFET to blow up. The dead time control circuitry of a
MOSFET driver is thus very important in real applications.
An adaptive dead time control function is implemented
in the SC32300B by sensing the DH and DL signals. The
SC32300B has a DT pin which offers an option to program
the dead time with a ceramic capacitor from this pin to
the GND pin. A ceramic capacitor with tight tolerance
such as Murata C0G material capacitor should be used for
this purpose. The dead time is 20ns typical with the DT
pin floated.
For DC motor drive in electronic tool applications, the
system designer generally will add clamp circuitry for
each external MOSFET as shown in Figure 7. In order to
make the clamp circuitry work, an external gate resistor
with value up to 20Ω is needed. The MOSFET drivers
with traditional adaptive dead time control will not work
with such a big external gate resistor added. The ability
of programming the dead time from SC32300B is a good
fit for this kind of application to provide the freedom to
adjust the dead time based upon the added gate resistor
to ensure reliable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com