Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC32300A/B.EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC32300A/B.EVB
Description  Synchronous Power MOSFET Driver With Integrated 3.3V LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC32300A/B.EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC32300A/B.EVB Datasheet HTML 1Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 2Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 3Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 4Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 5Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 6Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 7Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 8Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SC32300B
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC32300BULTRC(1)(2)
MLPD-UT-10 (2.3mm x 2.3mm)
SC32300A/B.EVB
Motor Drive Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Available in lead-free package only. Device is WEEE and RoHS
compliant and halogen free.
NLB
yw
11
10
9
8
7
6
1
2
3
4
5
BST
VLDO
FCCM
DT
DH
LX
VDD
DL
θ
JA = 42°C/W
10-Lead (2.3mm x 2.3mm) MLPD-UT
NLB - Part Number
yw - Datecode
Top View
PWM
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com