Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC32300A/B.EVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC32300A/B.EVB
Description  Synchronous Power MOSFET Driver With Integrated 3.3V LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC32300A/B.EVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC32300A/B.EVB Datasheet HTML 1Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 2Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 3Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 4Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 5Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 6Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 7Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 8Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SC32300B
5
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input logic low
Falling threshold
0.8
V
Zero cross detector threshold
VDD = 5V
-1
+1
mV
Zero cross blanking time
FCCM enabled, VDD = 5V
325
ns
FCCM pin leakage current
FCCM = VDD
3.5
5.6
µA
FCCM = GND
-1.5
1.5
µA
Intenal Bootstrap Switch
On resistance
10
Ω
Leakage current
5
15
µA
Dead Time
Minimum dead time
DT pin is floated
20
ns
Dead Time (2)
t
DT
A capacitor C
DT = 100pF connected from DT pin to
GND
100
ns
Internal series resistor
15
24.5
38
kΩ
Electrical Characteristics (continued)
NOTES:
(1) Refer to Figure 2 and Figure 3 for the timing definition.
(2) The dead time is C
DT x 1ns/pF, where CDT is in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com