Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC32300A/B.EVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC32300A/B.EVB
Description  Synchronous Power MOSFET Driver With Integrated 3.3V LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC32300A/B.EVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC32300A/B.EVB Datasheet HTML 10Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 11Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 12Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 13Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 14Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 15Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 16Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 17Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
SC32300B
16
Outline Drawing — 2.3mm x 2.3mm MLPD-UT-10
NOTES:
CO NTRO LLING DIM ENSIO NS ARE IN M ILLIM ETERS (ANGLES IN DEGREES).
CO PLANARITY APPLIES TO THE EXPO SED PAD AS W ELL AS TERM INALS.
2.
1.
0.08
0.25
10
0.18
2.20
0.00
0.50
2.40
0.30
2.30
0.05
0.60
(0.152)
0.10
0.45 BSC
0.20 0.30 0.40
aaa C
SEATING
PLANE
A
bbb
C A B
B
C
0.02
-
(LASER M ARK)
INDICATOR
PIN 1
1
N
2
aaa
bbb
b
e
L
N
D
A1
A2
A
DIM M ILLIM ETERS
NOM
DIM ENSIONS
M IN
M AX
D1
E1
1.20 1.30
E
A2
A1
D
E
2.20
2.40
2.30
1.05
e
bxN
LxN
D/2
E/2
A
D1
E1
1.80 1.90
1.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com