Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27SF161G2M-VIP Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY27SF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF161G2M-VIP Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY27SF161G2M-VIP Datasheet HTML 4Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 5Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 6Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 7Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 8Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 9Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 10Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 11Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Rev 0.7 / Apr. 2005
8
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
1.2 PIN DESCRIPTION
Pin Name
Description
IO0-IO7
IO8-IO15(1)
DATA INPUTS/OUTPUTS
The IO pins allow to input command, address and data and to output data during read / program
operations. The inputs are latched on the rising edge of Write Enable (WE#). The I/O buffer float to
High-Z when the device is deselected or the outputs are disabled.
CLE
COMMAND LATCH ENABLE
This input activates the latching of the IO inputs inside the Command Register on the Rising edge of
Write Enable (WE#).
ALE
ADDRESS LATCH ENABLE
This input activates the latching of the IO inputs inside the Address Register on the Rising edge of
Write Enable (WE#).
CE#
CHIP ENABLE
This input controls the selection of the device. When the device is busy CE# low does not deselect
the memory.
WE#
WRITE ENABLE
This input acts as clock to latch Command, Address and Data. The IO inputs are latched on the rise
edge of WE#.
RE#
READ ENABLE
The RE# input is the serial data-out control, and when active drives the data onto the I/O bus. Data
is valid tREA after the falling edge of RE# which also increments the internal column address counter
by one.
WP#
WRITE PROTECT
The WP# pin, when Low, provides an Hardware protection against undesired modify (program /
erase) operations.
RB#
READY BUSY
The Ready/Busy output is an Open Drain pin that signals the state of the memory.
VCC
SUPPLY VOLTAGE
The VCC supplies the power for all the operations (Read, Write, Erase).
VSS
GROUND
NC
NOT CONNECTED
PRE
To Enable Power On Auto Read. When PRE is a logic high, Power on Auto Read mode is enabled, and
when PRE is a logic low, Power Auto Read mode is disabled. Power On Auto Read mode is available
only on 3.3V device.
Not using POWER-ON AUTO-READ, connect it Vss or leave it N.C.
Table 2: Pin Description
NOTE:
1. For x16 version only
2. A 0.1uF capacitor should be connected between the VCC Supply Voltage pin and the VSS Ground pin to decouple
the current surges from the power supply. The PCB track widths must be sufficient to carry the currents required
during program and erase operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com