Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27SF161G2M-VIP Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # HY27SF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF161G2M-VIP Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button HY27SF161G2M-VIP Datasheet HTML 18Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 19Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 20Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 21Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 22Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 23Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 24Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 25Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Rev 0.7 / Apr. 2005
22
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
IO
Pagae
Program
Block
Erase
Cache
Program
Read
Cache
Read
CODING
0
Pass / Fail
Pass / Fail
Pass / Fail (N)
NA
Pass: ‘0’ Fail: ‘1’
1
NA
NA
Pass / Fail (N-1)
NA
Pass: ‘0’ Fail: ‘1’
(Only for Cache Program,
else Don’t care)
2NA
NA
NA
NA
-
3NA
NA
NA
NA
-
4NA
NA
NA
NA
-
5
Ready/Busy
Ready/Busy
P/E/R
Controller Bit
Ready/Busy
P/E/R
Controller Bit
Active: ‘0’ Idle: ‘1’
6
Ready/Busy
Ready/Busy
Cache Register
Free
Ready/Busy
Ready/Busy
Busy: ‘0’ Ready’: ‘1’
7
Write Protect
Write Protect
Write Protect
Write Protect
Protected: ‘0’ Not
Protected: ‘1’
Table 14: Status Register Coding
DEVICE IDENTIFIER BYTE
DESCRIPTION
1st
Manufacturer Code
2nd
Device Identifier
3rd
Don't care
4th
Page Size, Block Size, Spare Size, Organization
Table 15: Device Identifier Coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com