Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27SF161G2M-VIP Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY27SF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF161G2M-VIP Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY27SF161G2M-VIP Datasheet HTML 7Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 8Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 9Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 10Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 11Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 12Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 13Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 14Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Rev 0.7 / Apr. 2005
11
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
2. BUS OPERATION
There are six standard bus operations that control the device. These are Command Input, Address Input, Data Input,
Data Output, Write Protect, and Standby.
Typically glitches less than 5 ns on Chip Enable, Write Enable and Read Enable are ignored by the memory and do not
affect bus operations.
2.1 Command Input.
Command Input bus operation is used to give a command to the memory device. Command are accepted with Chip
Enable low, Command Latch Enable High, Address Latch Enable low and Read Enable High and latched on the rising
edge of Write Enable. Moreover for commands that starts a modifying operation (write/erase) the Write Protect pin
must be high. See figure 7 and table 13 for details of the timings requirements. Command codes are always applied on
IO7:0, disregarding the bus configuration (X8/X16).
2.2 Address Input.
Address Input bus operation allows the insertion of the memory address. To insert the 27 addresses(x8 device) needed
to access the 1Gbit 4 clock cycles are needed. Addresses are accepted with Chip Enable low, Address Latch Enable
High, Command Latch Enable low and Read Enable high and latched on the rising edge of Write Enable. Moreover for
commands that starts a modify operation (write/erase) the Write Protect pin must be high. See figure 8 and table 13
for details of the timings requirements. Addresses are always applied on IO7:0, disregarding the bus configuration
(X8/X16).
2.3 Data Input.
Data Input bus operation allows to feed to the device the data to be programmed. The data insertion is serially and
timed by the Write Enable cycles. Data are accepted only with Chip Enable low, Address Latch Enable low, Command
Latch Enable low, Read Enable High, and Write Protect High and latched on the rising edge of Write Enable. See figure
9 and table 13 for details of the timings requirements.
2.4 Data Output.
Data Output bus operation allows to read data from the memory array and to check the status register content, the
lock status and the ID data. Data can be serially shifted out toggling the Read Enable pin with Chip Enable low, Write
Enable High, Address Latch Enable low, and Command Latch Enable low. See figures 10,12,13 and table 13 for details
of the timings requirements.
2.5 Write Protect.
Hardware Write Protection is activated when the Write Protect pin is low. In this condition modify operation do not
start and the content of the memory is not altered. Write Protect pin is not latched by Write Enable to ensure the pro-
tection even during the power up.
2.6 Standby.
In Standby mode the device is deselected, outputs are disabled and Power Consumption is reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com