Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27SF161G2M-VIP Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # HY27SF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF161G2M-VIP Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button HY27SF161G2M-VIP Datasheet HTML 40Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 41Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 42Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 43Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 44Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 45Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 46Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 47Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 48Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Rev 0.7 / Apr. 2005
44
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Symbol
Millimeters
Min
Typ
Max
A
0.80
0.90
1.00
A1
0.25
0.30
0.35
A2
0.55
0.60
0.65
b
0.40
0.45
0.50
D
9.40
9.50
9.60
D1
4.00
D2
7.20
E
11.90
12.00
12.10
E1
5.60
E2
8.80
e0.80
FD
2.75
FD1
1.15
FE
3.20
FE1
1.60
SD
0.40
SE
0.40
Figure 33. 63-ball FBGA - 9.5 x 12, 6 x 8 ball array 0.8mm pitch, Pakage Outline
NOTE: Drawing is not to scale.
Table 21: 63-ball FBGA - 9.5 x 12, 6 x 8 ball array 0.8mm pitch, Pakage Mechanical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com