Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27SF161G2M-VIP Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # HY27SF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF161G2M-VIP Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button HY27SF161G2M-VIP Datasheet HTML 19Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 20Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 21Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 22Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 23Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 24Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 25Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 26Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Rev 0.7 / Apr. 2005
23
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Description
IO7
IO6
IO5-4
IO3
IO2
IO1-0
Page Size
(Without Spare Area)
1K
2K
Reserved
Reserved
0 0
0 1
1 0
1 1
Spare Area Size
(Byte / 512Byte)
8
16
0
1
Serial Access Time
Standard (50ns)
Fast
(30ns)
0
1
Block Size
(Without Spare Area)
64K
128K
256K
Reserved
0 0
0 1
1 0
1 1
Organization
X8
X16
0
1
Not Used
Reserved
Table 16: 4th Byte of Device Identifier Description
Part Number
Voltage
Bus Width
Manufacture
Code
Device
Code
3rd Code
4th Code
HY27UF081G2M
3.3V
x8
ADh
F1h
Don’t care
15h
HY27UF161G2M
3.3V
x16
ADh
C1h
Don’t care
55h
HY27SF081G2M
1.8V
x8
ADh
A1h
Don’t care
15h
HY27SF161G2M
1.8V
x16
ADh
ADh
Don’t care
55h
Table 17: Read ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com