Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS1020A Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 14Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 15Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 16Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 17Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 18Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 19Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 20Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 21Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-3
.
2.2.1
VDD/VDDC - Core and platform supply power
The TWR-LS1021A uses an LTC3616 to provide VDD and VDDC power.
Figure 2-2 shows an overview of this power supply.
Table 2-2. Power supply overview
LS1021A power
Nominal
voltage
Voltage range
Adjustment method
Measurement method
VDD / VDDC/
USB1_SDVDD/
USB1_SXVDD/
USB1_SPVDD/
TA_BB_VDD
1.00 V
0.97 - 1.03 V
None, fixed.
Meter across low-ohm R
S1VDD
1.00 V
0.97 - 1.03 V
None, fixed.
Meter across low-ohm R
G1VDD
1.35 V
1.283 - 1.417 V
None, fixed.
Meter across low-ohm R
VTT/VREF
0.675
0.629 - 0.723
None, fixed
Meter across low-ohm R
X1VDD
1.35 V
1.283 - 1.417 V
None, fixed.
Meter across low-ohm R
USB_HVDD
3.30 V
3.135 - 3.465 V
None, fixed.
Meter across low-ohm R
OVDD
O1VDD
TH_VDD
1.80 V
1.71 - 1.89 V
None, fixed.
Meter across low-ohm R
LVDD/L1VDD
(SW2[6]=ON)
2.5 V
2.375 - 2.625 V
None, fixed.
Meter across low-ohm R
L1VDD
(SW2[6]=OFF)
3.30 V
3.135 - 3.465 V
None, fixed.
Meter across low-ohm R
DVDD
D1VDD
3.30 V
3.135 - 3.465 V
None, fixed.
Meter across low-ohm R
BVDD
3.30 V
3.135 - 3.465 V
None, fixed.
Meter across low-ohm R
EVDD
3.30 V
3.135 - 3.465 V
None, fixed.
Meter across low-ohm R
PROG_SFP
PROG_MTR
1.80 V
1.71 - 1.89 V
None, fixed.
Meter across low-ohm R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com