Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS1020A Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 46Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 47Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 48Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 49Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 50Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 51Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 52Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 53Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
Tower Elevator Connections
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
3-7
3.2
Supported TWR modules
TWR-LS1021A is compatible the TWR-ELEV pinout. Below table listed supported peripheral modules.
Some modules maybe supported but not in the list. The listed modules show LS1021A/LS1020A some
important features.
D70
EBI_AD24 /
LCD46
PLD2ELEV_A
DDR24
C70
EBI_TSIZE0 /
LCD32
IFC_BCTL_B
D71
EBI_AD25 /
LCD47
PLD2ELEV_A
DDR25
C71
EBI_TSIZE1 /
LCD33
D72
EBI_AD26 /
LCD48
PLD2ELEV_A
DDR26
C72
EBI_TS / LCD34
IFC_WE_B
D73
EBI_AD27 /
LCD49
PLD2ELEV_A
DDR27
C73
EBI_TBST / LCD35
IFC_RB0_B
D74
EBI_AD28 /
LCD50
IFC_PAR0
C74
TB_TA / LCD36
IFC_RB1_B
D75
EBI_AD29 /
LCD51
IFC_PAR1
C75
EBI_CS4 / LCD37
D76
EBI_AD30 /
LCD52
C76
EBI_CS3 / LCD38
IFC_CS3_B
D77
EBI_AD31 /
LCD53
C77
EBI_CS2 / LCD39
IFC_CS2_B
D78
LCD_D20 /
LCD20
LCD_DP20
C78
EBI_CS1 / LCD40
IFC_CS1_B
D79
LCD_D21 /
LCD21
LCD_DP21
C79
GPIO31 / LCD41
D80
LCD_D22 /
LCD22
LCD_DP22
C80
LCD_D23 / LCD23
LCD_DP23
D81
GND
Ground
C81
GND
Ground
D82
3.3V
3.3V Power
C82
3.3V
3.3V Power
Table 3-3. Supported peripheral TWR modules
TWR Module
Nu
m
CAN
UCC
LPU
ART
1
SPI
2
I2C3
GPI
O
IRQ
FTM
1
USB
2.0
LCD
VET
SEC
3
IFC
123413
TWR-IND-IO
1st
1
2nd
Table 3-2. TWR-LS1021A secondary connector pinout
Pin#
Side B
Pin#
Side A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com