Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS1020A Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 19Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 20Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 21Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 22Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 23Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 24Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 25Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 26Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
2-8
Freescale Semiconductor
Figure 2-6. Clock architecture
2.6.1
SYSCLK / DDRCLK
SYSCLK and DDRCLK are provided by an IDT 6V49205BNLGI, a programmable frequency synthesizer
with hardware presets. The device is strapped to provide 100 MHz to SYSCLK and 67 MHz to DDRCLK
during power up. LS1021A requires 64 MHz to 100 MHz for both SYSCLK and DDRCLK.
Spread Spectrum Clocking (SSC) options are supported for SYSCLK and DDRCLK by SMBUS.
Because SSC reduces the clock rate, reducing the performance somewhat, it is not a preferred operating
mode.
Table 2-4. SYSCLK frequency options
FS[0:1]
SYSCLK
Notes
0 0
66.67 MHz
n/a
0 1
80 MHz
n/a
1 0
100.00 MHz
default
1 1
83.33 MHz
n/a
Table 2-5. DDRCLK frequency options
DDRCLK pin
DDRCLK
Notes
pull-up
66.67 MHz
n/a
pull-down
100.00 MHz
Default on TWR-LS1021A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com