Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS1020A Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 32Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 33Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 34Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 35Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 36Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 37Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 38Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 39Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-21
2.15
SPI interface
The LS1021A / LS1020A serial peripheral interface (SPI) pins may be used for off-board SPI device
access: For various SPI memory devices or SPI controller of various TWR modules.
Figure 2-16 shows the overall connections of the two SPI portions.
Figure 2-15. SPI architecture
2.15.1
SPI configuration and setup
CPLD registers and SW selects SPI2 or LCD/LPUART and SPI1 or IFC.
I2C1
0x2C
USB HUB
USB5534B
Default this device is not connected
to I2C1 bus.
I2C1
-
miniPCIe2 Slot
Slave address depends on
miniPCIe cards on the slot.
I2C3
0x66,
0x67
CPU Core DCDC monitor
LTC2945
n/a
I2C3
-
TWR-ELEV Pin NO. A7, A8
Slave address depends on TWR
modules on the ELEV.
Note: “7b” addresses do not include the R/W bit as an address member, though some datasheets might do so. For
consistency, all I2C addresses are 7 bits of address only.
Table 2-14. I2C bus device map (continued)
I2C Bus
7b
Addr.
Description
Device
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com