Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS1020A Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 26Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 27Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 28Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 29Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 30Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 31Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 32Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 33Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-15
Figure 2-9. IEEE-1588 interface overview
2.11
USB interface
The TWR-LS1021A/LS1020A systems have one integrated USB 3.0 (USB1) and one USB 2.0 (USB2)
controllers that allow direct connection to USB ports with appropriate protection circuitry and power
supplies. Figure 2-10 shows the USB section.
Figure 2-10. USB architecture
Power for the ports is provided by a Maxim MAX1588, which supplies 5V at up to 1.2A per port. The
power enable and power-fault-detect pins are connected directly to the LS1021A/LS1020A for individual
port management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com