Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS1020A Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 6Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 7Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 8Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 9Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 10Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 11Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 12Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 13Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
LS1021A/LS1020A Overview
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
1-1
Chapter 1
LS1021A/LS1020A Overview
The QorIQ LS1021A Tower System Module (TWR-LS1021A) is a low cost, high-performance
evaluation, development, and test platform supporting the LS1021A processor, which is based on the dual
ARM® Cortex™-A7 cores up to 1.0 GHz. TWR-LS1021A feature an integrated on-board probe for future
cost savings, along with third-party platforms developed by Freescale’s embedded board solution partners.
The TWR-LS1021A is optimized to support the high-bandwidth DDR3L memory and a full complement
of high-speed SerDes ports. The system is lead-free and RoHS-compliant.
The TWR-LS1021A additionally provides support for pin-compatible subset device, the LS1020A
processor. Throughout this document, references to LS1021A should be presumed to apply equally as well
to the LS1020A, unless otherwise noted. Similarly, references to TWR-LS1021A apply equally to the
TWR-LS1020A.
1.1
Related documentation
Table 1-1 lists and explains the additional documents and resources that you can refer, for more
information on TWR-LS1021A board.
Some of the documents listed below may be available only under a non-disclosure agreement (NDA). To
request access to these documents, contact your local field applications engineer or sales representative.
NOTE
Freescale Semiconductor, Inc. does not own MBED Documents and are mentioned solely
for the reference purpose.
Table 1-1. Related documentation
Document
Description
LS1021A QorIQ Advanced
Multicore Processor Data
Sheet
Provides information about electrical characteristics, hardware design considerations, pin
assignments, package information, and ordering information.
LS1021A QorIQ Integrated
Multicore Processor
Reference Manual
(LS1021ARM)
Provides a detailed description about LS1021A QorIQ multicore processor and its features, such
as memory map, serial interfaces, power supply, chip features, and clock information.
The SystemID Format for
Power Architecture™
Development Systems
(AN3638)
Freescale Semiconductor Power Architecture™ technology-based evaluation and development
platforms may optionally implement a “System ID” non-volatile memory device. This device stores
important configuration data about the board.
TWR-LS1021A Getting
Started
(TWR-LS1021AGS)
This TWR-LS1021A Getting Started Guide explains how to connect the TWR-LS1021A card
(700-28040 revX3) and verify its basic operation. This document shows the settings for switches,
connectors, jumpers, push buttons, and LEDs, and the instructions for connecting the peripheral
devices.
MBED Documents
http://mbed.org/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com