Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS1020A Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 55Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 56Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 57Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 58Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 59Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 60Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 61Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 62Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
CPLD System Controller Architecture
TWR-LS1021A Reference Manual, Rev. 0
4-2
Freescale Semiconductor
— Power on CPU VDD, GVDD, and others powers.
•
Reset signal generation and distribution. System reset features are:
— Power on reset for LS1021A, flash, PCIe, DDR, and PHY devices with initialization of all
CPLD registers to default value.
— Manual reset: System will reset and initialize all CPLD registers to default value after pressing
reset button.
— Global register reset: Set register to reset the whole system with initializing all CPLD registers
to default value.
— Local register reset: Set register to reset the whole system and reserve all CPLD registers
current value.
•
Control POR Sequence
— Configure POR signals according to external DIP switches or board request.
•
Select Multiplexed pins
— Mux I2C and IFC CS2, CS3
— Mux SPI2 and LPUART or LCD
— Mux CAN3 and USB2
— Mux QE and LCD
— Mux SerDes configurations
•IFC Bus
— Latch out address lines from mutiplexed signals and address lines.
— Read/Write CPLD BCSR registers.
— Configure address lines to ELEV local bus pins.
•
NOR Bank Selection
— Split NOR flash to two banks.
•
LCD FDI translator
— Translate 2-bit FDI signals to 1-bit FDI signals.
4.2
Reset
The reset controller manages not only asserting reset to LS1021A, but to the rest of the system as well. It
also maintains the assertion timing of the configuration drive signal (cfg_drv), which causes the CPLD to
drive configuration values onto pin-sampled nets.
The following Figure 4-2 shows the reset sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com