| Electronic Components Datasheet Search |
|
LS1020A Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
LS1020A Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc |
|
16 / 71 page ![]() Architecture TWR-LS1021A Reference Manual, Rev. 0 Freescale Semiconductor 2-1 Chapter 2 Architecture The TWR-LS1021A architectures are primarily determined by the processor, and by the need to evaluate as many of its features as possible, maximizing testability without impacting the ability to deliver an easily usable off-the-shelf software development platform. Table 2-1 lists the major functional blocks of each processor and the associated circuitry for evaluating them. Included is a reference to specific board-related setup and programming instructions. Table 2-1. Processor functional blocks Signal Group Details Configuration Processor Section 2.1, “Processor”n/a Power Section 2.2, “Power”n/a Deep Sleep Control Section 2.3, “Deep sleep control”n/a Reset Section 2.4, “Reset”n/a Configuration Section 2.5, “Device configuration”n/a Clock Section 2.6, “Clocks”n/a Memory Controllers Section 2.7, “Memory controllers”n/a SerDes Ports Section 2.8, “SerDes port” Section 2.8.4, “SerDes configuration and setup” Ethernet Section 2.9, “Ethernet controllers”n/a EMI Ports Section 2.10, “Ethernet management interface”n/a IEEE 1588 Section 2.10.1, “IEEE-1588™ support”n/a USB Section 2.11, “USB interface” Section 2.11.1, “USB configuration and setup” Local Bus Section 2.12, “Local bus”n/a DIU Section 2.13, “2D ACE - Display Controller Port n/a I2C Section 2.14, “I2C”n/a SPI Section 2.15, “SPI interface” Section 2.15.1, “SPI configuration and setup” SDHC Section 2.16, “SDHC interface”n/a Interrupts Section 2.17, “Interrupt controller”n/a UART Section 2.18, “Serial ports” Section 2.18.1, “UART configuration and setup” Audio Section 2.19, “Audio port”n/a JTAG Port Section 2.20, “JTAG port”n/a GPIO Section 2.21, “GPIO pins”n/a LEDs Section 2.22, “Monitoring LEDs”n/a MBED Section 2.23, “MBED”n/a |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |