Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58100 Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 8Page - ASIX Electronics Corporation AX58100 Datasheet HTML 9Page - ASIX Electronics Corporation AX58100 Datasheet HTML 10Page - ASIX Electronics Corporation AX58100 Datasheet HTML 11Page - ASIX Electronics Corporation AX58100 Datasheet HTML 12Page - ASIX Electronics Corporation AX58100 Datasheet HTML 13Page - ASIX Electronics Corporation AX58100 Datasheet HTML 14Page - ASIX Electronics Corporation AX58100 Datasheet HTML 15Page - ASIX Electronics Corporation AX58100 Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
12
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
1.4.2
PDI Digital IO / GPIO
Pin Name
Type
Pin No
Pin Description
IO[31:24]
B5/8m
18, 15, 13,
11, 8, 76,
75, 73
Digital/General Purpose I/O[31:24]
IO[23:16]
B5/8m
70, 68, 66,
42, 52, 50,
48, 44
Digital /General Purpose I/O[23:16]
IO[15:8]
B5/8m
17, 14, 12,
9, 7, 49, 74,
71
Digital /General Purpose I/O[15:8]
IO[7:0]
B5/8m
69, 67, 53,
60, 51, 4,
47, 43
Digital /General Purpose I/O[7:0]
SOF
O5/8m
79
Start-of-Frame
EOF
O5/8m
80
End-of-Frame
OE_EXT
I5
64
Output Enable
OUTVLD
O5/8m
78
Output data Valid/Output event
LAT_IN
I5
6
external data Latch
WD_TRIG
O5/8m
1
Watchdog Trigger
Note: The IO[31:0] in PDI Digital mode is for DIO[31:0], in PDI SPI slave mode is for GPIO[31:0]
Table 1-4: PDI Digital I/O, GPIO Pin Description
1.4.3
ESC PDI / Function SPI Slave Interface
Pin Name
Type
Pin No
Pin Description
SCS_ESC
I5
79
SPI Chip Select for ESC
SCS_FUNC I5
80
SPI Chip Select for Function
SCLK
I5
64
SPI Clock
MOSI
I5
78
SPI data MOSI
MISO
O5
6
SPI data MISO
SINT
O5/T
1
SPI Interrupt
FSCLK
I5
9
Function SPI Clock
FMOSI
I5
12
Function SPI data MOSI
FMISO
O5
7
Function SPI data MISO
SFINT
O5/T
49
SPI Function Interrupt
Note: The Function SPI slave could share pin with ESC or use independent pin, please refer to Section 3.2.
Table 1-5: PDI SPI Slave Interface Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com