Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58100 Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 10Page - ASIX Electronics Corporation AX58100 Datasheet HTML 11Page - ASIX Electronics Corporation AX58100 Datasheet HTML 12Page - ASIX Electronics Corporation AX58100 Datasheet HTML 13Page - ASIX Electronics Corporation AX58100 Datasheet HTML 14Page - ASIX Electronics Corporation AX58100 Datasheet HTML 15Page - ASIX Electronics Corporation AX58100 Datasheet HTML 16Page - ASIX Electronics Corporation AX58100 Datasheet HTML 17Page - ASIX Electronics Corporation AX58100 Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
14
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
1.4.7
SPI Master
Pin Name
Type
Pin No
Pin Description
MSS[3:0]
O5
69, 67,
53, 60
SPI Master Slave Select
MSCLK
O5
43
SPI Master SCLK
MMOSI
O5
47
SPI Master MOSI
MMISO
I5
4
SPI Master MISO
MINT
I5
51
SPI Master Interrupt in
MTRG
I5
74
SPI Master Trigger in
MDRLD
B5
71
SPI Master ADC Data Ready / DAC Data Loaded
Table 1-9: SPI Master Pin Description
1.4.8
Port 2 MII
Pin Name
Type
Pin No
Pin Description
MCLK
O5
18
MII Clock
25 MHz clock source for Ethernet PHYs
LINK
I5
44
LINK
Provided by the PHY if a 100 Mbps (Full Duplex) link is established
MDC
O5
50
PHY Management Interface clock
MDIO
B5
48
PHY Management Interface data
TXD[3]
O5
68
Transmit data [3]
TXD[2:1] \
TX_SH[1:0]
O5
66, 42
Transmit data [2:1]
This pin is input direction during chip reset stage used to bootstrap the mode
setting to decide the external PHY’s TXD phase shift, please refer to Section 3.1
TXD[0] \
LINK_POL
O5
52
Transmit data [0]
These pins are input direction during chip reset use to bootstrap the mode setting
to decide external PHY’s LINK polarity, please refer to Section 3.1
TX_EN
O5
70
Transmit enable
RX_CLK
I5
15
Receive Clock
RXD[3:0]
I5
8, 76, 75,
73
Receive data
RX_ER
I5
11
Receive error
RX_DV
I5
13
Receive data valid
Table 1-10: Port 2 MII Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com