Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58100 Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 26Page - ASIX Electronics Corporation AX58100 Datasheet HTML 27Page - ASIX Electronics Corporation AX58100 Datasheet HTML 28Page - ASIX Electronics Corporation AX58100 Datasheet HTML 29Page - ASIX Electronics Corporation AX58100 Datasheet HTML 30Page - ASIX Electronics Corporation AX58100 Datasheet HTML 31Page - ASIX Electronics Corporation AX58100 Datasheet HTML 32Page - ASIX Electronics Corporation AX58100 Datasheet HTML 33Page - ASIX Electronics Corporation AX58100 Datasheet HTML 34Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
30
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
Function Register Mirror (Refer to Section 3.3.2)
Write / Read
0x3000
2
Motor Control Register
0x3002
2
PWM Pulse X Configure Register
0x3004
2
PWM Trigger A Pulse Positon Register
0x3006
2
PWM Trigger B Pulse Positon Register
0x3008
2
PWM Period Cycle Register
0x300A
2
PWM Pulse Break Before Make Register
0x300C
2
PWM1Control Register
0x300E
2
PWM1 Counter Shift Register
0x3010
2
PWM1 High Pulse Width Register
0x3012
2
PWM2 Control Register
0x3014
2
PWM2 Shift Register
0x3016
2
PWM2 High Pulse Width Register
0x3018
2
PWM3 Control Register
0x301A
2
PWM3 Counter Shift Register
0x301C
2
PWM3 High Pulse Width Register
0x3020
4
Step Gap Time Register
0x3024
2
Step High Pulse Width Register
0x3026
2
Direction Transform Delay Step Register
0x3028
4
Step Target Number Register
0x302C
2
Step Configure Register
0x302E
2
Step Control Register
0x3040
4
Encoder Counter Value Register
0x3044
4
Encoder Constant Register
0x304C
2
Encoder Mode configuration Register
0x304E
2
Encoder Clear Register
0x3060
4
Watchdog Timer Register
0x3064
2
Watchdog Control Register
0x3066
2
Watchdog Timer Peak Value Clear Register
0x3068
4
Watchdog Monitored Signals Polarity Register
0x306C
4
Watchdog Monitored Signals Mask Register
0x3070
4
Watchdog Output Mask Register
0x3074
4
Watchdog Output Enable Register
0x3078
4
Watchdog Output Polarity Register
0x3080
2
SPI Configure Register
0x3082
2
SPI Baud Rate Register
0x3084
2
SPI Delay Byte and SS Register
0x3086
2
SPI Delay Transfer Register
0x3088
2
SPI RDY / Pulse Time Register
0x308A
2
SPI LDAC Time Register
0x308C
2
SPI Pulse/ RDY/ LDAC Register
0x3090
2
SPI 0/1 Byte Count Register
0x3092
2
SPI 2/3 Byte Count Register
0x3094
2
SPI 4/5 Byte Count Register
0x3096
2
SPI 6/7 Byte Count Register
0x3098
2
SPI 0/1/2/3 slave Select Register
0x309A
2
SPI 4/5/6/7 slave Select Register
0x30B0
8
SPI Channel 0 Data Register
0x30B8
8
SPI Channel 1 Data Register
0x30C0
8
SPI Channel 2 Data Register
0x30C8
8
SPI Channel 3 Data Register
0x30D0
8
SPI Channel 4 Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com