Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58100 Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 14Page - ASIX Electronics Corporation AX58100 Datasheet HTML 15Page - ASIX Electronics Corporation AX58100 Datasheet HTML 16Page - ASIX Electronics Corporation AX58100 Datasheet HTML 17Page - ASIX Electronics Corporation AX58100 Datasheet HTML 18Page - ASIX Electronics Corporation AX58100 Datasheet HTML 19Page - ASIX Electronics Corporation AX58100 Datasheet HTML 20Page - ASIX Electronics Corporation AX58100 Datasheet HTML 21Page - ASIX Electronics Corporation AX58100 Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
18
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
Hardware Configuration EEPROM (HWCFGEE)
The AX58100 I2C master controller supports the communication to external I2C devices and an I2C Hardware
Configuration EEPROM Loader to support loading the EtherCAT Slave Information (ESI) from external I2C
EEPROM during chip reset. The AX58100 supports I2C EEPROM with EEPROM size from 1 Kbit (128 bytes)
to 4 Mbit (500Kbytes).
The AX58100 I2C Hardware Configuration EEPROM layout is shown in following figure.
EEPROM
Byte Offset
EEPROM
Word Offset
Parameter
ESC Register
Offset
ESC Configuration Area
0x00
0x00
PDI Control
0x0140
0x01
ESC Configuration
(bit 2 is also mapped to ESC register 0x0110.2)
0x0141
0x02
0x01
PDI Configuration
0x0150
0x03
Sync/Latch[1:0] Configuration
0x0151
0x05 - 0x04
0x02
Pulse Length of SyncSignals
0x0983 - 0x0982
0x07 - 0x06
0x03
Extended PDI Configuration
0x0153 - 0x0152
0x09 - 0x08
0x04
Configured Station Alias
0x0013 - 0x0012
0x0A
0x05
Host Interface Extend Setting and Drive Strength
0x0B
Reserved, shall be zero
0x0C
0x06
Reserved, shall be zero
0x0D
Multi-Function Select and Drive Strength
0x0F - 0x0E
0x07
Checksum
0x13 - 0x10
0x09 – 0x08
Vendor ID
0x17 - 0x14
0x0B – 0x0A
Product Code
0x1B - 0x18
0x0D – 0x0C
Revision Number
0x1F - 0x1C
0x0F – 0x0E
Serial Number
0x27 - 0x20
0x13 – 0x10
Reserved
Bootstrap Mailbox Config
0x29 - 0x28
0x14
Bootstrap Receive Mailbox Offset
0x2B - 0x2A
0x15
Bootstrap Receive Mailbox Size
0x2D - 0x2C
0x16
Bootstrap Send Mailbox Offset
0x2F - 0x2E
0x17
Bootstrap Send Mailbox Size
Mailbox Sync Man Config
0x31 - 0x30
0x18
Standard Receive Mailbox Offset
0x33 - 0x32
0x19
Standard Receive Mailbox Size
0x35 - 0x34
0x1A
Standard Send Mailbox Offset
0x37 - 0x36
0x1B
Standard Send Mailbox Size
0x39 - 0x38
0x1C
Mailbox Protocol
0x3F - 0x3A
0x1F – 0x1D
Reserved
0x7B - 0x40
0x3D – 0x20
Reserved
0x7D - 0x7C
0x3E
Size
0x7F - 0x7E
0x3F
Version
ESC Category 1 (for AX58100 Bridge Access Configuration if used) *Note1
0x81 ~ 0x80
0x40
Category 1 Type (Default: 0x0001)
0x83 ~ 0x82
0x41
Category 1 Data Size (words) (Default: 0x0021)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com