Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58100 Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 32Page - ASIX Electronics Corporation AX58100 Datasheet HTML 33Page - ASIX Electronics Corporation AX58100 Datasheet HTML 34Page - ASIX Electronics Corporation AX58100 Datasheet HTML 35Page - ASIX Electronics Corporation AX58100 Datasheet HTML 36Page - ASIX Electronics Corporation AX58100 Datasheet HTML 37Page - ASIX Electronics Corporation AX58100 Datasheet HTML 38Page - ASIX Electronics Corporation AX58100 Datasheet HTML 39Page - ASIX Electronics Corporation AX58100 Datasheet HTML 40Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
36
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
4 Electrical Specifications
DC Characteristics
4.1.1
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCCK
Digital core power supply
- 0.5 to 1.6
V
VCC3IO, VCC33A
Power supply of 3.3V I/O and Ethernet PHY
- 0.5 to 4.6
V
VCC12A_PLL
Analog power supply for PLL
- 0.5 to 1.6
V
VIN
Input voltage of 3.3V I/O with 5V tolerant.
- 0.5 to 5.8
V
TSTG
Storage temperature.
- 65 to 150
℃
I IN
DC input current.
50
mA
I OUT
Output short circuit current.
50
mA
Note:
Permanent device damage may occur if absolute maximum ratings are exceeded. Functional operation should be
restricted in the recommended operating condition section of this datasheet. Exposure to absolute maximum
rating condition for extended periods may affect device reliability.
4.1.2
Recommended Operating Condition
Symbol
Parameter
Min
Typ
Max Units
VCC3IO
Power supply of 3.3V I/O
2.97
3.3
3.63
V
VCC33A
Analog power supply for Ethernet PHY
2.97
3.3
3.63
V
VCCK
Digital core power supply
1.08
1.2
1.32
V
VCC12A_PLL
Analog power supply for PLL
1.08
1.2
1.32
V
Tj
operating junction temperature
-40
25
125
℃
Ta
operating ambient temperature
-40
-
105
℃
4.1.3
Leakage Current and Capacitance
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIN
Input leakage current.
No pull-up or pull-down.
3.3V with 5V tolerant I/O pins.
Vin = 5 or 0V.
-
< ±1
-
μA
CIN
Input capacitance.
3.3V with 5V tolerant I/O pins.
-
2.3
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com