Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58100 Datasheet(PDF) 70 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 70 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 63Page - ASIX Electronics Corporation AX58100 Datasheet HTML 64Page - ASIX Electronics Corporation AX58100 Datasheet HTML 65Page - ASIX Electronics Corporation AX58100 Datasheet HTML 66Page - ASIX Electronics Corporation AX58100 Datasheet HTML 67Page - ASIX Electronics Corporation AX58100 Datasheet HTML 68Page - ASIX Electronics Corporation AX58100 Datasheet HTML 69Page - ASIX Electronics Corporation AX58100 Datasheet HTML 70Page - ASIX Electronics Corporation AX58100 Datasheet HTML 71Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 70 / 71 page
background image
70
AX58100
EtherCAT Slave Controller
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
6 Ordering Information
Part Number
Description
AX58100 LT
80-pin LQFP lead Free package, Industrial temperature range: -40 to 105°C.
7 Revision History
Revision
Date
Comments
V0.20
2018/06/11 Preliminary release.
V0.30
2018/07/27 1. Changed the pin name, type and descriptions of pin #56 in Section 1.3, 1.4.
2. Removed the “VCC33D” descriptions in Section 14.
3. Modified some descriptions in Section 2.1, 3.2.1, 9.2, 9.4.1.
4. Updated Figure 0-1.
V1.00
2018/09/26 1. Changed some pin definitions in Section 1.4.
2. Added a new bootstrap pin definition in Section 3.1.
3. Modified some EEPROM layout and bit definitions in Section 3.2.
4. Changed the default value of EEPROM word offset 0x41 to 0x0021.
5. Modified some ESC Memory Map and Function Registers Map definitions in
Section 3.3.
6. Updated some timing spec. and waveforms in Section 4.
7. Modified some descriptions in Features and Section 1.1, 2.
8. Updated Figure 1-1, 1-2.
V1.01
2018/10/05 1. Modified some descriptions in Section 1.1, 2.4, 3, 5.
2. Corrected a typo in Figure 1-2.
V1.02
2018/11/07 1. Modified a typo in Section 6.
V1.03
2019/02/20 1. Modified some information in Section 4.2.
2. Updated some description in Section 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com