Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58100 Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 29Page - ASIX Electronics Corporation AX58100 Datasheet HTML 30Page - ASIX Electronics Corporation AX58100 Datasheet HTML 31Page - ASIX Electronics Corporation AX58100 Datasheet HTML 32Page - ASIX Electronics Corporation AX58100 Datasheet HTML 33Page - ASIX Electronics Corporation AX58100 Datasheet HTML 34Page - ASIX Electronics Corporation AX58100 Datasheet HTML 35Page - ASIX Electronics Corporation AX58100 Datasheet HTML 36Page - ASIX Electronics Corporation AX58100 Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
33
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
Table 3-3: Function Register Map
0x084
SPIDBSR
SPI Delay Byte and SS Register
0x086
SPIDTR
SPI Delay Transfer Register
0x088
SPIRPTR
SPI RDY / Pulse Time Register
0x08A
SPILTR
SPI LDAC Time Register
0x08C
SPIPRLR
SPI Pulse/ RDY/ LDAC Register
0x090
SPI01BCR
SPI 0/1 Byte Count Register
0x092
SPI23BCR
SPI 2/3 Byte Count Register
0x094
SPI45BCR
SPI 4/5 Byte Count Register
0x096
SPI67BCR
SPI 6/7 Byte Count Register
0x098
SPI03SSR
SPI 0/1/2/3 slave Select Register
0x09A
SPI47SSR
SPI 4/5/6/7 slave Select Register
0x0A8
SPINTSR
SPI Interrupt Status Register
0x0AA
SPITSR
SPI Timeout Status Register
0x0AC
SPIPOSR
SPI Pulse Overrun Status Register
0x0AE
SPIDSR
SPI Data Status Register
0x0B0
SPIC0DR
SPI Channel 0 Data Register
0x0B8
SPIC1DR
SPI Channel 1 Data Register
0x0C0
SPIC2DR
SPI Channel 2 Data Register
0x0C8
SPIC3DR
SPI Channel 3 Data Register
0x0D0
SPIC4DR
SPI Channel 4 Data Register
0x0D8
SPIC5DR
SPI Channel 5 Data Register
0x0E0
SPIC6DR
SPI Channel 6 Data Register
0x0E8
SPIC7DR
SPI Channel 7 Data Register
0x0F0
SPIDSMR
SPI Data Status Mirror Register
0x0F2
SPIMCR
SPI Master Control Register
0x100
INTCR
Interrupt Configure Register
0x102
INTSR
Interrupt Status Register
0x104
ESTOR
ESC State Override register
0x106
HSTSR
Host interface Status Register
Others
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com