Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200BT Datasheet(PDF) 26 Page - ASIX Electronics Corporation

Part # AX58200BT
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200BT Datasheet(HTML) 26 Page - ASIX Electronics Corporation

Back Button AX58200BT Datasheet HTML 22Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 23Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 24Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 25Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 26Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 27Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 28Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 29Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 30Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 180 page
background image
26
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Pin No
Pin Name
Type
MFP
Description
EBI_nCS1
O
MFP2
EBI chip select 1 output pin.
UART0_RXD
I
MFP3
UART0 data receiver input pin.
I2C0_SDA
I/O
MFP4
I2C0 data input/output pin.
QSPI0_CLK
I/O
MFP5
Quad SPI0 serial clock pin.
XT1_OUT
O
MFP10
External 4~24 MHz (high speed) crystal output
pin.
BPWM1_CH1
I/O
MFP11
BPWM1 channel 1 output/capture input.
K1
PF.3
B3
MFP0
General purpose digital I/O pin.
EBI_nCS0
O
MFP2
EBI chip select 0 output pin.
UART0_TXD
O
MFP3
UART0 data transmitter output pin.
I2C0_SCL
I/O
MFP4
I2C0 clock pin.
XT1_IN
I
MFP10
External 4~24 MHz (high speed) crystal input pin.
BPWM1_CH0
I/O
MFP11
BPWM1 channel 0 output/capture input.
G1
PF.4
B3
MFP0
General purpose digital I/O pin.
UART2_TXD
O
MFP2
UART2 data transmitter output pin.
UART2_nRTS
O
MFP4
UART2 request to Send output pin.
BPWM0_CH5
I/O
MFP8
BPWM0 channel 5 output/capture input.
X32_OUT
O
MFP10
External 32.768 KHz crystal output pin.
H1
PF.5
B3
MFP0
General purpose digital I/O pin.
UART2_RXD
I
MFP2
UART2 data receiver input pin.
UART2_nCTS
I
MFP4
UART2 clear to Send input pin.
BPWM0_CH4
I/O
MFP8
BPWM0 channel 4 output/capture input.
EPWM0_SYNC_OUT
O
MFP9
EPWM0 counter synchronous trigger output pin.
X32_IN
I
MFP10
External 32.768 KHz crystal input pin.
EADC0_ST
I
MFP11
EADC0 external trigger input.
H2
PF.6
B5
MFP0
General purpose digital I/O pin.
EBI_ADR19
O
MFP2
EBI address bus bit 19.
SC0_CLK
O
MFP3
Smart Card 0 clock pin.
I2S0_LRCK
O
MFP4
I2S0 left right channel clock output pin.
SPI0_MOSI
I/O
MFP5
SPI0 MOSI (Master Out, Slave In) pin.
UART4_RXD
I
MFP6
UART4 data receiver input pin.
EBI_nCS0
O
MFP7
EBI chip select 0 output pin.
TAMPER0
I/O
MFP10
TAMPER detector loop pin 0.
C8
PH.8
B5
MFP0
General purpose digital I/O pin.
EBI_AD12
I/O
MFP2
EBI address/data bus bit 12.
QSPI0_CLK
I/O
MFP3
Quad SPI0 serial clock pin.
SC2_PWR
O
MFP4
Smart Card 2 power pin.
I2S0_DI
I
MFP5
I2S0 data input pin.
SPI1_CLK
I/O
MFP6
SPI1 serial clock pin.
UART3_nRTS
O
MFP7
UART3 request to Send output pin.
I2C1_SMBAL
O
MFP8
I2C1 SMBus SMBALTER pin
I2C2_SCL
I/O
MFP9
I2C2 clock pin.
UART1_TXD
O
MFP10
UART1 data transmitter output pin.
B8
PH.9
B5
MFP0
General purpose digital I/O pin.
EBI_AD13
I/O
MFP2
EBI address/data bus bit 13.
QSPI0_SS
I/O
MFP3
Quad SPI0 slave select pin.
SC2_RST
O
MFP4
Smart Card 2 reset pin.
I2S0_DO
O
MFP5
I2S0 data output pin.
SPI1_SS
I/O
MFP6
SPI1 slave select pin.
UART3_nCTS
I
MFP7
UART3 clear to Send input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com