Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200BT Datasheet(PDF) 49 Page - ASIX Electronics Corporation

Part # AX58200BT
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200BT Datasheet(HTML) 49 Page - ASIX Electronics Corporation

Back Button AX58200BT Datasheet HTML 45Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 46Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 47Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 48Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 49Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 50Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 51Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 52Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 53Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 180 page
background image
49
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
0x400D_1000
– 0x400D_1FFF
USCI1_BA
USCI1 Control Registers
System Controllers Space (0xE000_E000 ~ 0xE000_EFFF)
0xE000_E010
– 0xE000_E0FF
SCS_BA
System Timer Control Registers
0xE000_E100
– 0xE000_ECFF
SCS_BA
External Interrupt Controller Control Registers
0xE000_ED00
– 0xE000_ED8F
SCS_BA
System Control Registers
Table 2.2-7: Address Space Assignments for On-Chip Controllers
2.2.7
SRAM Memory Organization
The AX58200 supports embedded SRAM with total 160 Kbytes size and the SRAM organization is separated to
three banks: SRAM bank0 and SRAM bank1 and SRAM bank2. The first bank has 32 Kbytes address space, the
second bank has 96 Kbyte address space and the third bank has 32Kbyte. These three banks address space can be
accessed simultaneously. The SRAM bank0 supports parity error check to make sure chip operating more stable.
The SRAM bank2 is shared with SPIM cache, it can switch to external SPI Flash cache memory. Note that SRAM
bank2 has additional two wait cycles when reading data.
⚫
Supports total 160 Kbytes SRAM
⚫
Supports byte / half word / word write
⚫
Supports fixed 32 Kbytes SRAM bank0 for independent access
⚫
Supports parity error check function for SRAM bank0
⚫
Supports oversize response error
⚫
Supports remap address to 0x1000_0000
AHB interface
controller
SRAM decoder
SRAM bank0
SRAM bank1
SRAM decoder
AHB interface
controller
AHB interface
controller
SRAM decoder
SRAM bank2
Figure 2.2-9: SRAM Block Diagram
Figure 2.2-9 shows the SRAM organization of AX58200. There are three SRAM banks in AX58200. The bank0
is addressed to 32 Kbytes, the bank1 is addressed to 96 Kbytes and the bank2 is addressed to 32 Kbyte. The bank0
address space is from 0x2000_0000 to 0x2000_7FFF. The bank1 address space is from 0x2000_8000 to
0x2001_FFFF. The bank2 address space is from 0x2002_0000 to 0x2002_7FFF. The address between
0x2002_8000 to 0x3FFF_FFFF is illegal memory space and chip will enter hardfault if CPU accesses these illegal
memory addresses.
The address of each bank is remapping from 0x2000_0000 to 0x1000_0000. CPU can access SRAM bank0 through
0x2000_0000 to 0x2000_7FFF or 0x1000_0000 to 0x1000_7FFF, and access SRAM bank1 through 0x2000_8000
to 0x2001_FFFF or 0x1000_8000 to 0x1001_FFFF, and access SRAM bank2 through 0x2002_0000 to
0x2002_7FFF or 0x1002_0000 to 0x1002_7FFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com