| Electronic Components Datasheet Search |
|
AX58200BT Datasheet(PDF) 71 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX58200BT Datasheet(HTML) 71 Page - ASIX Electronics Corporation |
|
71 / 180 page ![]() 71 Copyright © 2019 ASIX Electronics Corporation. All rights reserved. AX58200 EtherCAT Slave Controller SoC Basic PWM Generator and Capture Timer (BPWM) 2.13.1 Overview The chip provides two BPWM generators - BPWM0 and BPWM1. Each BPWM supports 6 channels of BPWM output or input capture. There is a 12-bit prescaler to support flexible clock to the 16-bit BPWM counter with 16-bit comparator. The BPWM counter supports up, down and up-down counter types, all 6 channels share one counter. BPWM uses the comparator compared with counter to generate events. These events are used to generate BPWM pulse, interrupt and trigger signal for EADC to start conversion. For BPWM output control unit, it supports polarity output, independent pin mask and tri-state output enable. The BPWM generator also supports input capture function to latch BPWM counter value to corresponding register when input channel has a rising transition, falling transition or both transition is happened. 2.13.2 Features 2.13.2.1 BPWM Function Features ⚫ Supports maximum clock frequency up to maximum PLL frequency. ⚫ Supports up to two BPWM modules; each module provides 6 output channels ⚫ Supports independent mode for BPWM output/Capture input channel ⚫ Supports 12-bit prescalar from 1 to 4096 ⚫ Supports 16-bit resolution BPWM counter; each module provides 1 BPWM counter – Up, down and up/down counter operation type ⚫ Supports mask function and tri-state enable for each BPWM pin ⚫ Supports interrupt in the following events: – BPWM counter matches 0, period value or compared value ⚫ Supports trigger EADC in the following events: – BPWM counter matches 0, period value or compared value 2.13.2.2 Capture Function Features ⚫ Supports up to 12 capture input channels with 16-bit resolution ⚫ Supports rising or falling capture condition ⚫ Supports input rising/falling capture interrupt ⚫ Supports rising/falling capture with counter reload option |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |