Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200BT Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX58200BT
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200BT Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX58200BT Datasheet HTML 35Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 36Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 37Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 38Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 39Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 40Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 41Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 42Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 43Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 180 page
background image
39
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.2.2.3 Low Voltage Reset (LVR)
If the Low Voltage Reset function is enabled by setting the Low Voltage Reset Enable Bit LVREN
(SYS_BODCTL[7]) to 1, after 200us delay, LVR detection circuit will be stable and the LVR function will be
active. Then LVR function will detect AVDD during system operation. When the AVDD voltage is lower than VLVR
and the state keeps longer than De-glitch time set by LVRDGSEL (SYS_BODCTL[14:12]), chip will be reset.
The LVR reset will control the chip in reset state until the AVDD voltage rises above VLVR and the state keeps
longer than De-glitch time set by LVRDGSEL (SYS_BODCTL[14:12]). The default setting of Low Voltage Reset
is enabled without De-glitch function. Figure 2.2-4 shows the Low Voltage Reset waveform.
AVDD
VLVR
Low Voltage Reset
T1
( < LVRDGSEL)
T2
( =LVRDGSEL)
T3
( =LVRDGSEL)
LVREN
200 us
Delay for LVR stable
Figure 2.2-4: Low Voltage Reset (LVR) Waveform
2.2.2.4 Brown-out Detector Reset (BOD Reset)
If the Brown-out Detector (BOD) function is enabled by setting the Brown-out Detector Enable Bit BODEN
(SYS_BODCTL[0]), Brown-out Detector function will detect AVDD during system operation. When the AVDD
voltage is lower than VBOD which is decided by BODEN and BODVL (SYS_BODCTL[18:16]) and the state keeps
longer than De-glitch time set by BODDGSEL (SYS_BODCTL[10:8]), chip will be reset. The BOD reset will
control the chip in reset state until the AVDD voltage rises above VBOD and the state keeps longer than De-glitch
time set by BODDGSEL. The default value of BODEN, BODVL and BODRSTEN (SYS_BODCTL[3]) is set by
Flash controller user configuration register CBODEN (CONFIG0 [19]), CBOV (CONFIG0 [23:21]) and
CBORST(CONFIG0[20]) respectively. User can determine the initial BOD setting by setting the CONFIG0
register. Figure 2.2-5 shows the Brown-out Detector waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com