Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110ED Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 27Page - Infineon Technologies AG TLE8110ED Datasheet HTML 28Page - Infineon Technologies AG TLE8110ED Datasheet HTML 29Page - Infineon Technologies AG TLE8110ED Datasheet HTML 30Page - Infineon Technologies AG TLE8110ED Datasheet HTML 31Page - Infineon Technologies AG TLE8110ED Datasheet HTML 32Page - Infineon Technologies AG TLE8110ED Datasheet HTML 33Page - Infineon Technologies AG TLE8110ED Datasheet HTML 34Page - Infineon Technologies AG TLE8110ED Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
Data Sheet
31
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Diagnosis
Figure 18
Diagnosis Blind Time
Channel 7-10:
Short to GND Diagnosis Delay Time.
“Diagnosis Blind Time” see chapter
“Control of the device”,Figure 18,
Figure 19
td
1.65 2.5
3.45 ms DEVS.DBT1 = 1
DEVS.DBT2 = 0
P_8.2.8
a)
b)
3.3 5
7.3
ms DEVS.DBT1 = 1
DEVS.DBT2 = 1
Table 10
Electrical Characteristics: Diagnosis
3.0V < VCC < 5.5V; 4.5V < VDD < 5.5V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Channel 7 - 10
OFF
OL, SG -Diagnosis active
ON
1
Incident - e.g.
temporal „short to GND“
[SG]
1
1 1
0 0
1 1
Diagnosis Blind Time
[DBT]
active
Diagnosis Blind Time
[DBT]
triggered by
Diagnostic Incident
Diagnostic Register Entry,
because Failure present
after ending DBT
Diagnosis Register :
11: No Error
10: Over Load
01: Open Load
00: Short to Ground
Diagnosis Blind Time [DBT] activation
DBT is triggered by Open Load [OL] or Short-to-Ground [SG] -detection during OFF-condition of CH7-10.
DBT is activated by DEVS.DBT1, DEVS.DBT2 (see „Control of the device“).
DBT.vsd
INx Signal
Output
Voltage
DBT
terr<
tDBT
terr<
tDBT
terr >
tDBT
„Blind“ window finishes as
soon as the error
disappears within the DBT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com