Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110ED Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 10Page - Infineon Technologies AG TLE8110ED Datasheet HTML 11Page - Infineon Technologies AG TLE8110ED Datasheet HTML 12Page - Infineon Technologies AG TLE8110ED Datasheet HTML 13Page - Infineon Technologies AG TLE8110ED Datasheet HTML 14Page - Infineon Technologies AG TLE8110ED Datasheet HTML 15Page - Infineon Technologies AG TLE8110ED Datasheet HTML 16Page - Infineon Technologies AG TLE8110ED Datasheet HTML 17Page - Infineon Technologies AG TLE8110ED Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
Data Sheet
14
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Power Supply
5.2
Electrical Characteristics Power Supply
Table 5
Electrical Characteristics: Power Supply
3.0V < VCC < 5.5V; 4.5V < VDD < 5.5V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Digital Supply and Power-on Reset
Digital Supply Voltage
VCC
3–
5.5
V
–
P_5.2.1
Digital Supply Current during Reset
(VCC < VCCpo)
ICCstb
–15
20
µA
fSCLK = 0Hz,
S_CS = VCC,
Tj = 85°C,
VCC= 2.0 V,
VDD> VCC,
1)
P_5.2.2
a)
b)
–20
40
µA
fSCLK = 0Hz,
S_CS = VCC,
Tj = 150°C,
VCC= 2.0V,
VDD> VCC
Digital Supply Current during Reset
( VRST > VRSTI)
ICCstb
–2
5
µA
fSCLK = 0Hz,
S_CS = VCC,
Tj = 85°C,
VDD > VCC,
1)
P_5.2.3
a)
b)
–5
15
µA
fSCLK = 0Hz,
S_CS = VCC,
Tj = 150°C,
VDD> VCC
Digital Supply Operating Current
VCC = 3.3V
ICC
–0.15 2
mA fSCLK = 0Hz,
T j= 150°C,
all Channels ON,
1)
P_5.2.4
a)
b)
–0.5
5
mA
fSCLK= 5MHz,
Tj = 150°C,
all Channels ON,
1) 2)
Digital Supply Operating Current
VCC = 5.5V
ICC
–0.25 2
mA fSCLK = 0Hz,
Tj = 150°C,
all Channels ON
P_5.2.5
a)
b)
–0.8
10
mA fSCLK = 5MHz,
Tj = 150°C,
all Channels ON,
1) 2)
Digital Supply Power-on Switching
Threshold
VCCpo
1.9 2.8
3
V
VCC increasing
P_5.2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com