| Electronic Components Datasheet Search |
|
TLE8110ED Datasheet(PDF) 46 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8110ED Datasheet(HTML) 46 Page - Infineon Technologies AG |
|
46 / 74 page ![]() Data Sheet 46 Rev. 1.0 2018-03-07 TLE8110ED Smart Multichannel Low Side Switch with Parallel Control and SPI Interface Control of the device Note: Reading a register needs two SPI frames. In the first frame the RD command is sent. In the second frame the output at SPI signal SO will contain the requested information. A new command can be executed in the second frame. 12.2.3.3 16- and 2x8-bit protocol mixed The 16-bit and 2x8-bit protocols are mixed according the used commands (see Chapter 12.3.1). Special care should be taken,changing from the 16-bit protocol to the 2x8-bit protocol. In this case, it is important to send a NOP command to S_SI. Otherwise, by sending instead a Command, a collision between the S_SO data in the following frame and the Lower Byte of the 2x8-bit protocol will happen (see Chapter 12.2.3.2). Figure 29 16-bit protocol and 8bit protocol mixed S_SO Serial Output Upper Byte [15:8] Upper Byte Contains the data according the command and data in the Lower Byte of the previous communication frame. Lower Byte [7:0] Lower Byte Contains the data according the command in the Upper Byte of the actual communication frame. Bit description Field Bits Type Function Upper Byte S_CS S_SI S_SO SPI_Protocol_16_2x8bit_mixed.vsd Lower Byte Upper Byte Lower Byte CMD Upper Byte 0 CMD Data NOP Data Upper Byte Lower Byte 0 Lower Byte Upper Byte Lower Byte Upper Byte Lower Byte Protocol Change from2x8-bit to16-bit Protocol Change from16-bit to 2x8-bit Critical Protocol Change from16-bit to2x8-bit S_CS S_SI S_SO CMD Data Upper Byte Lower Byte Data... Lower Byte Upper Byte Lower Byte Upper Byte Lower Byte S_CS S_SI S_SO collission 2x8-bit protocol is dominant |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |