Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110ED Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 39Page - Infineon Technologies AG TLE8110ED Datasheet HTML 40Page - Infineon Technologies AG TLE8110ED Datasheet HTML 41Page - Infineon Technologies AG TLE8110ED Datasheet HTML 42Page - Infineon Technologies AG TLE8110ED Datasheet HTML 43Page - Infineon Technologies AG TLE8110ED Datasheet HTML 44Page - Infineon Technologies AG TLE8110ED Datasheet HTML 45Page - Infineon Technologies AG TLE8110ED Datasheet HTML 46Page - Infineon Technologies AG TLE8110ED Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
Data Sheet
43
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.2.2
Daisy Chain
The SPI-Interface of TLE8110ED provides daisy chain capability, see Chapter 12.2.3.4 for more details. In this
configuration several devices are activated by the same S_CS signal. The S_SI line of one device is connected
with the S_SO line of another device (see Figure 26), which builds a chain. The ends of the chain are connected
with the output and input of the master device, S_SO and S_SI respectively. The master device provides the
master clock CLK, which is connected to the S_CLK line of each device in the chain. By each clock edge on
S_CLK, one bit is shifted into the S_SI. The bit shifted out can be seen at SO. After 16 S_CLK cycles, the data
transfer for one device has been finished. In single chip configuration, the S_CS line must go high to make the
device accept the transferred data. In daisy chain configuration the data shifted out at device 1 has been
shifted in to device 2. Example: When using three devices in daisy chain, three times 16 bits have to be shifted
through the devices. After that, the S_CS line must go high (see Figure 26).
Figure 26
Principle example for Data Transfer in Daisy Chain Configuration
Note:
Due to the integrated modulo 8 counter, 8 bit and 16 bit devices can be used in one daisy chain.
12.2.3
SPI Protocol
The device contains two protocol styles which are applied dependent of the used commands. There is the
standard 16-bit protocol and the 2x8-bit protocol. Both protocols can appear also be mixed.
12.2.3.1 16-bit protocol
Each cycle where a serial data or command frame is sent to the S_SI of the SPI interface, a data frame is
returned at the same time by the S_SO. The content of the S_SO frame is dependent on the previous command
which has been sent to S_SI. Read Command (R/W = R) returns one cycle later the content of the address
register (see Figure 27).
Figure 27
16-bit protocol
SI
SO
CS
CLK
SI device 3
SI device 2
SI device 1
SO device 3
SO device 2
SO device 1
time
SPI_DasyChain2.emf
R
ADR / DATA
W
ADR / DATA
ADR / DATA
R
dept. of
previous R/W
Register
Short Diagnosis*
S_SO
SPI_Protocol_Normal_Mode.vsd
* dependent on ADR; In case CMD or DCC is addressed, related content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com