Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110ED Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 9Page - Infineon Technologies AG TLE8110ED Datasheet HTML 10Page - Infineon Technologies AG TLE8110ED Datasheet HTML 11Page - Infineon Technologies AG TLE8110ED Datasheet HTML 12Page - Infineon Technologies AG TLE8110ED Datasheet HTML 13Page - Infineon Technologies AG TLE8110ED Datasheet HTML 14Page - Infineon Technologies AG TLE8110ED Datasheet HTML 15Page - Infineon Technologies AG TLE8110ED Datasheet HTML 16Page - Infineon Technologies AG TLE8110ED Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Data Sheet
13
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Power Supply
5
Power Supply
5.1
Description Power Supply
The TLE8110ED is supplied by analogue power supply line VDD which is used for the analogue functions of the
device, such as the gate control of the power stages. The digital power supply line VCC is used to supply the
digital part and offers the possibility to adapt the logic level of the serial output pins to lower logic levels.
Figure 5
Block Diagram Supply and Reset
Description Supply
The Supply Voltage Pins are monitored during the power-on phase and under normal operating conditions for
under voltage.
If during Power-on the increasing supply voltage exceeds the Supply Power-on Switching Threshold, the
internal Reset is released after an internal delay has expired.
In case of under voltage, a device internal reset is performed. The Switching Threshold for this case is the
Power-on Switching threshold minus the Switching Hysteresis.
In case of under voltage on the analogue supply line VDD the outputs are turned off but the content of the
registers and the functionality of the logic part is kept alive. In case of under voltage on the digital supply VCC
line, a complete reset including the registers is performed.
After returning back to normal supply voltage and an internal delay, the related functional blocks are turned
on again. For more details, refer to the chapter “Reset”.
The device internal under-voltage set will set the related bits in SDS (Short Diagnosis and Device Status) to
allow the micro controller to detect this reset. For more information, refer to the chapter “Control of the
Device”.
Block_diag_Supply_Reset.vsd
Input
and
Serial
Inter-
face
Fault
Detection
Gate Control
diagnosis
register
input
register
VDD
VCC
RST
OUTx
control
register
Logic
control
unit
EN
GND
VCC
Under
Voltage
Monitor
VDD
Under
Voltage
Monitor
or
or
analogue
control,
diagnostic
and protective
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com