Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110ED Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 12Page - Infineon Technologies AG TLE8110ED Datasheet HTML 13Page - Infineon Technologies AG TLE8110ED Datasheet HTML 14Page - Infineon Technologies AG TLE8110ED Datasheet HTML 15Page - Infineon Technologies AG TLE8110ED Datasheet HTML 16Page - Infineon Technologies AG TLE8110ED Datasheet HTML 17Page - Infineon Technologies AG TLE8110ED Datasheet HTML 18Page - Infineon Technologies AG TLE8110ED Datasheet HTML 19Page - Infineon Technologies AG TLE8110ED Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
Data Sheet
16
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Reset and Enable Inputs
6
Reset and Enable Inputs
6.1
Description Reset and Enable Inputs
The TLE8110ED contains one Reset- and one Enable Input Pin as can be seen in Figure 5.
Description:
Reset Pin [RST] is the main reset and acts as the internal under voltage reset monitoring of the digital supply
voltage VCC: As soon as RST is pulled low, the whole device including the control registers is reset.
The Enable Pin [EN] resets only the Output channels and the control circuits. The content of the all registers is
kept. This functions offers the possibility of a “soft” reset turning off only the Output lines but keeping alive
the SPI communication and the contents of the control registers. This allows the read out of the diagnosis and
setting up the device during or directly after Reset.
6.2
Electrical Characteristics Reset Inputs
Table 6
Electrical Characteristics: Reset Inputs
3.0V < VCC < 5.5V; 4.5V < VDD < 5.5V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ. Max.
Reset Input Pin [RST]
Low Level of RST
VRSTl
-0.3
–
V CC*0.2 V
–
P_6.2.1
High Level of RST
VRSTh
VCC*0.4 –
VCC
V–
P_6.2.2
RST Switching Hysteresis
VRSThy
20
100 300
mV
1)
1) Parameter not subject to production test. Specified by design.
P_6.2.3
Reset Pin pull-down Current
IRSTresh 20
40
85
µA
VRST = 5V
P_6.2.4
IRSTresl
2.4
–
–
µA
VRST = 0.6 V,
1)
Required Reset Duration time RST
tRSTmin 2–
–
µs
1)
P_6.2.5
Enable Input Pin [EN]
Low Level of EN
VENl
-0.3
-
V *0.2
VCC*0.2 –
P_6.2.6
High Level of EN
VENh
VCC *0.4 -
VCC
V
–
P_6.2.7
EN Switching Hysteresis
VENhy
20
60
300
mV
1)
P_6.2.8
Enable Pin pull-down Current
IENresh
535
85
µA
VEN = 5V
P_6.2.9
IENresl
2.4
–
–
µA
VEN = 0.6V,
1)
Enable Reaction Time
(reaction of OUTx)
tENrr
–4
–µs
1)
P_6.2.10
Required Enable Duration time EN
tENmin
2–
–
µs
1)
P_6.2.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com