| Electronic Components Datasheet Search |
|
TLE8110ED Datasheet(PDF) 48 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8110ED Datasheet(HTML) 48 Page - Infineon Technologies AG |
|
48 / 74 page ![]() Data Sheet 48 Rev. 1.0 2018-03-07 TLE8110ED Smart Multichannel Low Side Switch with Parallel Control and SPI Interface Control of the device Figure 31 DRA, DRACL to dev.n and NOP command to dev.n+1 12.2.4 safeCOMMUNICATION The device contains some safety features, which are improving the protection of the application against mal- function in case of disturbance of the communication between the Micro Controller and the Device: 12.2.4.1 Encoding of the commands The Commands are encoded. In case other bit-patterns, then the defined once are received, the commands are ignored and the communication error can be read out with the command CMD_RSDS (see Chapter 12.3.1.2). 12.2.4.2 Modulo-8 Counter The modulo is the integral remainder in integral division. In data communications, a modulo based approach is used to ensure that user information in SPI protocols is in the correct order. The device has a receiver-side counter, and a defined counter size. The modulo counter specifies the number of subsequent numbers available. In case of TLE8110ED Modulo 8 counter specifies 8 serial numbers. The modulo 8 counter ensures that data is taken only, when a multiple of 8 bit has been transferred. If in one transfer cycle not a multiple of DRA, DRACL to dev .n and NOP command to dev .n+1 from dev.n to dev.n+1 S_CS S_SI S_SO SPI daisy-chain word t Safe Communication with NOP command send to dev .n+1 and ignored response Critical Communication with dev.n+1 response altered by dev .n response to previous DRA /DRACL to dev.n from dev.n+1 DRA/DRACL NOP from dev.n to dev.n+1 to dev.n from dev.n+1 SPI daisy-chain word no response expected ignored response to DRA-/CL from dev.n to dev.n+1 S_CS S_SI S_SO SPI daisy-chain word t to dev.n from dev.n+1 DRA/DRACL x-command from dev.n to dev.n+1 to dev.n from dev.n+1 SPI daisy-chain word response to x-command 8-bit altered by dev.n response to DRA-/CL response to DRA-/CL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |