Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110ED Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 60Page - Infineon Technologies AG TLE8110ED Datasheet HTML 61Page - Infineon Technologies AG TLE8110ED Datasheet HTML 62Page - Infineon Technologies AG TLE8110ED Datasheet HTML 63Page - Infineon Technologies AG TLE8110ED Datasheet HTML 64Page - Infineon Technologies AG TLE8110ED Datasheet HTML 65Page - Infineon Technologies AG TLE8110ED Datasheet HTML 66Page - Infineon Technologies AG TLE8110ED Datasheet HTML 67Page - Infineon Technologies AG TLE8110ED Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
Data Sheet
64
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.3.2.2 DRx - Return on DRx Commands
Figure 40
SPI Feedback on x_DRx commands
Field
Bits
Type
Function
DRA[1:0]x /
DRB[1:0}x
[1:0]
R
DRA[1:0]x / DRB[1:0]x
DRn[1]x/DRn[0]x = 11 no Error
DRn[1]x/DRn[0]x = 10 Over Load, Shorted Load, Over temperature
in ON-Mode
DRn[1]x/DRn[0]x = 01 Open Load in OFF-Mode
DRn[1]x/DRn[0]x = 00 Short to GND in OFF-Mode
default DRx[1:0] = 11B
A new error on the same channel will overwrite older information.
The diagnosis information which is returned by SO is latched when
CS makes a High-to-Low transistion of the frame which sends out
the register.
DRx
Return on DRx Commands
S_SO Serial Output
15
14
13
12
11
10
987
6543
210
PAR
0
0
1
DRx
[1]x
DRx
[0]x
DRx
[1]x
DRx
[0]x
DRx
[1]x
DRx
[0]x
DRx
[1]x
DRx
[0]x
DRx
[1]x
DRx
[0]x
DRx
[1]x
DRx
[0]x
Response description
Field
Bits
Type
Description
--
-
DRx contents
0
no diagnosis error
1
diagnosis error
W
x_DRx
R/W
xxxx
dept. of
previous R/W
DRx
xxxx
S_CS
S_SI
S_SO
SPI_Protocol_x_DRx.vsd
x_DRx
R/W
xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com