Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110ED Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 7Page - Infineon Technologies AG TLE8110ED Datasheet HTML 8Page - Infineon Technologies AG TLE8110ED Datasheet HTML 9Page - Infineon Technologies AG TLE8110ED Datasheet HTML 10Page - Infineon Technologies AG TLE8110ED Datasheet HTML 11Page - Infineon Technologies AG TLE8110ED Datasheet HTML 12Page - Infineon Technologies AG TLE8110ED Datasheet HTML 13Page - Infineon Technologies AG TLE8110ED Datasheet HTML 14Page - Infineon Technologies AG TLE8110ED Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
Data Sheet
11
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
General Product Characteristics
Note:
Stresses above the ones listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
1. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
Electro Static Discharge Voltage
“Human Body Model - HBM”
VESD
-4
–
4
kV
All Pins
HBM, 4)
1.5KOhm, 100pF
P_4.1.19
Electro Static Discharge Voltage
“Charged Device Model - CDM”
VESD
-500
–
500
V
All Pins
CDM 5)
P_4.1.20
Electro Static Discharge Voltage
“Charged Device Model - CDM”
VESD
-750
–
750
V
Pin 1, 18, 19, 36
(corner pins)
CDM 5)
P_4.1.21
1) Not subject to production test, specified by design.
2) One single channel per time.
3) Triangular Pulse Shape (inductance discharge): ID(t) = ID(0)·(1 - t / tpulse); 0 < t < tpulse.
4) ESD susceptibility, HBM according to EIA/JESD 22-A114-B.
5) ESD susceptibility, Charged Device Model “CDM” EIA/JESD22-C101-C.
Table 3
Functional Range
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min. Typ. Max.
Supply Voltages
Analogue Supply Voltage
VDD
4.5 –
5.5
V
–
P_4.2.1
Digital Supply Voltage
VCC
3–
VDD V–
P_4.2.2
Digital Supply Voltage
VCC
VDD –
5.5
V
leakage Currents (ICC) might
increase if VCC > VDD
P_4.2.3
Power Stages
Ground Current
IGND_typ
9
A
resistive loads 1)
1) Not subject to production test, specified by design
P_4.2.4
Temperatures
Junction Temperature
Tj
-40 –
150 oC–
P_4.2.5
Junction Temperature
Tj
-40 –
175 oC
for 100hrs 1)
P_4.2.6
Table 2
Absolute Maximum Ratings 1) (cont’d)
Tj = -40°C to +150°C; all voltages with respect to ground, positive current flowing into pin (unless otherwise
specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com