Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110ED Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 38Page - Infineon Technologies AG TLE8110ED Datasheet HTML 39Page - Infineon Technologies AG TLE8110ED Datasheet HTML 40Page - Infineon Technologies AG TLE8110ED Datasheet HTML 41Page - Infineon Technologies AG TLE8110ED Datasheet HTML 42Page - Infineon Technologies AG TLE8110ED Datasheet HTML 43Page - Infineon Technologies AG TLE8110ED Datasheet HTML 44Page - Infineon Technologies AG TLE8110ED Datasheet HTML 45Page - Infineon Technologies AG TLE8110ED Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
Data Sheet
42
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12
Control of the device
This chapter describes the SPI-Interface signals, the protocol, registers and commands. Reading this chapter
allows the Software Engineer to control the device. The chapter contains also some information about
communication safety features of the protocol.
12.1
Internal Clock
The device contains an internal clock oscillator.
12.2
SPI Interface. Signals and Protocol
12.2.1
Description 16 bit SPI Interface Signals
S_CS - Chip Select:
The system micro controller selects the TLE8110ED by means of the S_CS pin. Whenever the pin is in low state,
data transfer can take place. When S_CS is in high state, any signals at the S_CLK and S_SI pins are ignored
and S_SO is forced into a high impedance state.
S_CS High to Low transition:
• The information to be transferred loaded into the shift register (16-bit Protocol).
S_CS Low to High transition:
• Command decoding is only done, when after the falling edge of CS exactly a multiple (1, 2, 3...) of eight
S_CLK signals have been detected. (See Modulo-8 Counter: Chapter 12.2.4.2).
S_CLK - Serial Clock:
This input pin clocks the internal shift register. The serial input (S_SI) transfers data is shifted into register on
the falling edge of S_CLK while the serial output (S_SO) shifts the information out on the rising edge of the
serial clock. It is essential that the S_CLK pin is in low state whenever chip select CS makes any transition.
S_SI - Serial Input:
Serial input data bits are shifted in at this pin, the most significant bit first. The bit at the S_SI Pin is read on the
falling edge of S_CLK.
S_SO Serial Output:
Data is shifted out serially at this pin, the most significant bit first. S_SO is in high impedance state until the
S_CS pin goes to low state. The next bits will appear at the S_SO is in high impedance state until the S_CS goes
to low state. The next bits will appear at the S_SO pin following the rising edge of S_CLK.
Table 14
Electrical Characteristics: Internal Clock
3.0V < VCC < 5.5V; 4.5V < VDD < 5.5V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Parallel Inputs
internal clock oscillator frequency fint_osc
-
500
-
kHz
1)
1) Parameter not subject to production test. Specified by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com