Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS98200 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 48Page - Cirrus Logic CS98200 Datasheet HTML 49Page - Cirrus Logic CS98200 Datasheet HTML 50Page - Cirrus Logic CS98200 Datasheet HTML 51Page - Cirrus Logic CS98200 Datasheet HTML 52Page - Cirrus Logic CS98200 Datasheet HTML 53Page - Cirrus Logic CS98200 Datasheet HTML 54Page - Cirrus Logic CS98200 Datasheet HTML 55Page - Cirrus Logic CS98200 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
52
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
8.6
Host Master/ATAPI Interface
Pin
Signal Name
Type
Description
186, 187, 189,
191
H_CS[3:0]
O
Host Chip Select[3:0]. The host master can be pro-
grammed to use a different protocol for each of the 4
chip selects
177
H_ALE
O
Host address latch enable. Used for modes which
multiplex upper address information onto the data
lines
192
H_RD
O
Host Read Request.
193
H_WR
O
Host Write Request.
194
H_RDY
I
Host Ready. Connect to pull-up or pull-down if host
is not used.
170, 172, 173,
176
H_A[3:0]
O
Host Address[3:0].
123, 124, 125,
126, 127, 133,
134, 135, 136,
137, 138, 139,
140, 141, 142,
143
H_D[15:0]
B
Host Data Bus[15:0]. These pins can also output
Host Address during the address phase for multi-
plexed address/data mode. Tie together to pull-up
or pull-down if host is not used.
Table 20. Host Master/ATAPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com