Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS98200 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 20Page - Cirrus Logic CS98200 Datasheet HTML 21Page - Cirrus Logic CS98200 Datasheet HTML 22Page - Cirrus Logic CS98200 Datasheet HTML 23Page - Cirrus Logic CS98200 Datasheet HTML 24Page - Cirrus Logic CS98200 Datasheet HTML 25Page - Cirrus Logic CS98200 Datasheet HTML 26Page - Cirrus Logic CS98200 Datasheet HTML 27Page - Cirrus Logic CS98200 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
24
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
2.2.10
Miscellaneous Timings
Symbol
Description
Min
Typ
Max
Unit
txccper1
1.XTLCLK must meet the requirement of external the video encoder for correct chroma (27 MHz ± 1 KHz).
XTLCLK period
37.037
ns
trstl
RST_N Low Pulse Width
1000
ns
tgph
GPIO PW High
50
ns
tgpl
GPIO PW Low
50
ns
Table 8. Miscellaneous Timing Characteristics
RESET-N
tgph
tgpl
trstl
XTLCLOCK
GPIO
xccper
t
Figure 18. Miscellaneous Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com