Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS98200 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 12Page - Cirrus Logic CS98200 Datasheet HTML 13Page - Cirrus Logic CS98200 Datasheet HTML 14Page - Cirrus Logic CS98200 Datasheet HTML 15Page - Cirrus Logic CS98200 Datasheet HTML 16Page - Cirrus Logic CS98200 Datasheet HTML 17Page - Cirrus Logic CS98200 Datasheet HTML 18Page - Cirrus Logic CS98200 Datasheet HTML 19Page - Cirrus Logic CS98200 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
16
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
2.2.4
SDRAM Interface
CS98200 interfaces with either SDRAM or SGRAM for high data bandwidth transfer. Figure 8 shows
the refresh cycle performed by CS98200.
Symbol
Description
Min
Typ
Max
Unit
tmco
Output Delay from M_CKO active edge
9
ns
tmper
M_CKO Period
8
ns
tmdow
M_D[31:0] delay from M_CKO
9
ns
tmsur
M_D[31:0] setup to M_CKO
3
ns
tmhr
M_D[31:0] hold time after M_CKO
2.5
ns
Table 2. SDRAM Interface Characteristics
M_CKO
M_A[10:0]
M_BS0_N,
M_RAS_N
M_CAS_N
M_W E_N
M_D[31:0]
M_DQM_[3:0]
M_AP
M_BS1_N
Figure 8. SDRAM Refresh Transaction
D0
D1
D2
D3
D4
D5
D6
D7
C1
C2
C3
C4
C5
C6
C7
C0
R0
M_C KO
M _ A_ [1 0:0]
M_C KE
M_R AS _N
M_C AS _N
M_W E_N
M_D [31:0]
M_D Q M[3:0]
0
F
F
Figure 9. SDRAM Burst Write Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com