Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS98200 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 32Page - Cirrus Logic CS98200 Datasheet HTML 33Page - Cirrus Logic CS98200 Datasheet HTML 34Page - Cirrus Logic CS98200 Datasheet HTML 35Page - Cirrus Logic CS98200 Datasheet HTML 36Page - Cirrus Logic CS98200 Datasheet HTML 37Page - Cirrus Logic CS98200 Datasheet HTML 38Page - Cirrus Logic CS98200 Datasheet HTML 39Page - Cirrus Logic CS98200 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
36
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
7. 240-PIN MQFP PIN DESCRIPTION
7.1
240-Pin MQFP Pin Layout
Figure 23 shows the layout of all the pins for the 240-pin MQFP package. The direction of the arrow
by each pin shows whether the pin is an input, output, or bidirectional.
CS98200
240-Pin MQFP
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
70
71
69
120
68
67
66
64
65
63
62
61
DV DL_DI
DV D_RDY
PW M_O
RX D_2
TXD _2
SD A1
SC L1
VIN_D_7
IO_3V3
VIN_D_6
VIN_D_5
VIN_D_4
SC L2
SD A2
DIG_1V8
NV _D_6
IO_3V3
M_A_9
IO_GN D
NV _D_5
NV _D_4
NV _D_3
NV _D_2
NV _D_1
NV _D_0
M_A_0
RX D_1
M_A_3
IO_3V3
TXD _1
IO_GN D
DIG_G ND
IO_GN D
M _CAS_N
M_A_2
DIG_G ND
DV DL_CK
DV DL_DO
PLL_1V8
NV _D_7
M_A_1
M_A_4
M_A_5
DIG_1V8
M_A_6
M_A_7
M_A_8
M _A_10
NV _CE_N
M _BS0_N
M_W E_N
M _RAS_N
M _BS1_N
IO_GN D
M_CKO
M_AP
M_CKE
M_D_0
IO_3V3
M_DQM_0
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
209
210
211
212
213
214
215
216
217
218
219
220
221
222
223
224
225
226
227
228
229
231
230
232
181
233
234
235
237
236
238
239
240
DVD _D_6
DVD _D_7
H_CS_0
H_CS_1
IO _3V3
H_W R
H_RD Y
SPI_C LK
SPI_DO
SP I_DI
SPI_RD Y
A UDI_D
H_R D
H_C S_3
AU DI_BC K
DA C_AGN D
AUD_XC LK
AU DO_BC K
DA C_DGN D
UB_OU T
DAC _A3V3
DA C_AGN D
YG_OU T
DAC _A3V3
DA C_AGN D
VR_OU T
H_C S_2
COM P2
IS ET2
IO_GN D
DA C_AGN D
DAC _A3V3
AUDO _D_3
IO _3V3
DA C_AGN D
DAC_D 1V8
DVD _D_4
DVD _D_5
PLL_GN D
A UDI_LR
DAC _A3V3
VR EF2
DA C_AGN D
DAC _A3V3
DAC _A3V3
AUDO _LR
DIG _1V8
DIG_GN D
AUDO _D_1
XTLCLK_O
AUDO _D_2
XTLCLK_I
IO_GN D
DVD_SO S
DVD_EN A
AUDO _D_0
SPDIF_O
PLL_GN D
DVD_S TB
DVD_ER R
Figure 23. 240-Pin MQFP Pin Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com