Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS98200 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 34Page - Cirrus Logic CS98200 Datasheet HTML 35Page - Cirrus Logic CS98200 Datasheet HTML 36Page - Cirrus Logic CS98200 Datasheet HTML 37Page - Cirrus Logic CS98200 Datasheet HTML 38Page - Cirrus Logic CS98200 Datasheet HTML 39Page - Cirrus Logic CS98200 Datasheet HTML 40Page - Cirrus Logic CS98200 Datasheet HTML 41Page - Cirrus Logic CS98200 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
38
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
7.4
Explanation of Pin Types
Table 13 lists the conventions used to identify the pin type and direction.
7.5
240-Pin MQFP Pin Assignments
Table 14 lists the pin number, pin name, and pin type for the 240-pin CS98200 package. The primary
function and pin direction is shown for all signal pins. For some signal pins, a secondary function
(or functions) and direction are also shown. For pins having more than one function, the primary
function is chosen when the chip is reset.
Pin Type
Direction
I
Input
IS
Input, with schmitt trigger
ID
Input, with pull down resistor
IU
Input, with pull up resistor
O
Output
O4
Output – 4 mA drive
O8
Output – 8 mA drive
T4
High-Z Output – 4mA drive
B
Bi-direction
B4
Bi-direction – 4 mA drive
B4U
Bi-direction – 4 mA drive, with pull-up
B8U
Bi-direction – 8 mA drive, with pull-up
B4S
Bi-direction – 4 mA drive, with Schmitt trigger
B4SU
Bi-direction – 4 mA drive, with pull-up and Schmitt trigger
Pwr
+1.8 V or +3.3 V power supply voltage
Gnd
Power supply ground
Name_N
Low active
Table 13. Pin Type Legen d
Pin #
Pin Name
Type
Primary Function
Dir
Secondary Function(s)
Dir
1
PLL_1V8
Pwr
PLL Power 1.8 V
2
RST_N
ISU
Reset
I
3
TEST
I
Manufacturing Test
I
4
IR_IN
ISU
IR in
I
5
CDC_CLK
B4S
GPIO_MIS[18]
B
6
CDC_SYNC
B4S
GPIO_MIS[19]
B
7
CDC_SDO
B4S
GPIO_MIS[20]
B
8
CDC_SDI
B4S
GPIO_MIS[21]
B
9
IO_3V3
Pwr
IO Power 3.3 V
10
M_DQM_3
B8
DRAM Byte_Enable[3]
O
Table 14. 240-Pin MQFP Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com