Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS98200 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 40Page - Cirrus Logic CS98200 Datasheet HTML 41Page - Cirrus Logic CS98200 Datasheet HTML 42Page - Cirrus Logic CS98200 Datasheet HTML 43Page - Cirrus Logic CS98200 Datasheet HTML 44Page - Cirrus Logic CS98200 Datasheet HTML 45Page - Cirrus Logic CS98200 Datasheet HTML 46Page - Cirrus Logic CS98200 Datasheet HTML 47Page - Cirrus Logic CS98200 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
44
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
140
H_D_12
B4
Host Master Data[12]
B
(1.) Secondary CD C2P0
(2.) GPIO_HST[12]
(3.) Secondary DVDS_VLD
I
B
I
141
H_D_13
B4S
Host Master Data[13]
B
(1.) Secondary CD_BCLK
(2.) GPIO_HST[13]
(3.) Secondary DVDS_CLK
I
B
I
142
H_D_14
B4
Host Master Data[14]
B
(1.) Secondary CD_LRLK
(2.) GPIO_HST[14]
(3.) Secondary DVDS_SOS
I
B
I
143
H_D_15
B4
Host Master Data[15]
B
(1.) Secondary CD_Data
(2.) GPIO_HST[15]
(3.) Secondary DVDS_DATA
I
B
I
144
CD_BCLK
B4S
Primary CD Bit Clock
I
(1.) Primary DVDS_CLK
(2.) GPIO_DVD[17]
(3.) Secondary Host Slave Address[0]
I
B
I
145
CD_LRCK
B4
Primary CD L/R Clock
I
(1.) Primary DVDS_SOS
(2.) GPIO_DVD[18]
(3.) Secondary Host Slave Address[1]
I
B
I
146
CD_DATA
B4
Primary CD Data
I
(1.) Primary DVDS_DATA
(2.) GPIO_DVD[19]
(3.) Secondary Host Slave Address[2]
I
B
I
147
CD_C2P0
B4
Primary CD C2P0
I
(1.) Primary DVDS_VLD
(2.) GPIO_DVD[20]
(3.) Secondary Host Slave Address[3]
I
B
B
148
DAC_AGND
Gnd
Analog Ground
149
DAC_D1V8
Pwr
Digital Power 1.8 V
150
DAC_DGND
Gnd
Digital Ground
151
C_OUT
Anlg
C_OUT
152
DAC_A3V3
Pwr
Analog Power 3.3 V
153
DAC_AGND
Gnd
Analog Ground
154
Y_OUT
Anlg
Y_OUT
155
DAC_A3V3
Pwr
Analog Power 3.3 V
156
DAC_AGND
Gnd
Analog Ground
157
CV_OUT
Anlg
CV_OUT
158
DAC_A3V3
Pwr
Analog Power 3.3 V
159
DAC_AGND
Gnd
Analog Ground
160
COMP1
Anlg
Compensation
161
ISET1
Anlg
Current Set
162
VREF1
Anlg
Voltage Ref
Pin #
Pin Name
Type
Primary Function
Dir
Secondary Function(s)
Dir
Table 14. 240-Pin MQFP Pin Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com