Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS98200 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 29Page - Cirrus Logic CS98200 Datasheet HTML 30Page - Cirrus Logic CS98200 Datasheet HTML 31Page - Cirrus Logic CS98200 Datasheet HTML 32Page - Cirrus Logic CS98200 Datasheet HTML 33Page - Cirrus Logic CS98200 Datasheet HTML 34Page - Cirrus Logic CS98200 Datasheet HTML 35Page - Cirrus Logic CS98200 Datasheet HTML 36Page - Cirrus Logic CS98200 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
33
CS98200
Next Generation DVD Processor
5.11
Video Input/Output Interface
In addition to the six 10-bit video DACs, the
CS98200 provides a separate Digital Video In-
terface that will give you flexible and powerful
means of outputting digital video data to exter-
nal devices in CCIR601/3 and CCIR656 formats.
The interface directly supports NTSC/PAL vid-
eo encoding, in both master and slave synchro-
nization configurations. The internal frame
buffer format could be 4:2:0, 4:2:2, YUV655,
RGB565 and RGB555.
The CS98200 also features an NTSC/PAL video
decoder input interface. The interface accepts
CCIR601, CIF, and QCIF formats, out of many
TV decoders on the market. The video processor
also allows overlay of multiple video planes
(main video / video input / picture_in_picture
/ on-screen display).
The Video Input Scaler (VIS) module inputs 8-
bit digital video data from a camera or
PAL/NTSC decoder and simply dump all the
data to DRAM. The scaled image, with a border,
can be overlaid anywhere on the screen into a ½
or ¼-screen sized window by the Picture in Pic-
ture (PIP) module.
An alternate method of using the Video Input
function is to input a full sized picture and
present it on the screen full size (bypass mode).
In this mode, the PIP module can place full mo-
tion DVD images in the small window. An inter-
nal glitch-free mux can switch the video
processor clock source from the internal clock to
the Video Input clock, allowing the PIP mode to
switch back and forth on the fly, with no drop-
out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com