Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS98200 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 31Page - Cirrus Logic CS98200 Datasheet HTML 32Page - Cirrus Logic CS98200 Datasheet HTML 33Page - Cirrus Logic CS98200 Datasheet HTML 34Page - Cirrus Logic CS98200 Datasheet HTML 35Page - Cirrus Logic CS98200 Datasheet HTML 36Page - Cirrus Logic CS98200 Datasheet HTML 37Page - Cirrus Logic CS98200 Datasheet HTML 38Page - Cirrus Logic CS98200 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
35
CS98200
Next Generation DVD Processor
6. MEMORY MAP
6.1
Processor Memory Map
The CS98200 externally supports up to 32 Mbytes DRAM and 16 Mbytes ROM/NVRAM. Table 9,
Table 10, and Table 11 on the next page list the memory map as viewed by the RISC processors, and
identifies whether each segment is mapped or cacheable.
For detailed information on programming CS98200 memory, see
CS98200 Memory Interface User’s
Manual (DS525UMD1).
Address
Description
Cached
0x8000_0000 - 0x8000_7FFF
Internal SRAM (32 Kbytes)
Yes
0x8200_0000 - 0x83FF_FFFF
External DRAM (32 Mbytes)
Yes
0x9400_0000 - 0x97FF_FFFF
External DRAM w/ Dcache flush (32 Mbytes)
Yes
0x9800_0000 - 0x9BFF_FFFF
External ROM/NVRAM read/write (16 Mbytes)
Yes
0x9C00_0000 - 0x9FFF_FFFF
External ROM/NVRAM read only (16 Mbytes)
Yes
0xA000_0000 - 0xA000_7FFF
Internal SRAM (32 Kbytes)
No
0xA200_0000 - 0xA3FF_FFFF
External DRAM (32 Mbytes)
No
0xB000_0000 - 0xB003_FFFF
Internal registers and SRAMs
No
0xB400_0000 - 0xB7FF_FFFF
External DRAM w/ Dcache flush (32 Mbytes)
No
0xB800_0000 - 0xBBFF_FFFF
External ROM/NVRAM read/write (16 Mbytes)
No
0xBC00_0000 - 0xBFFF_FFFF
External ROM/NVRAM read only (16 Mbytes)
No
Table 9. Memory Map-RISC0 Processor
Host Byte Address
Description
0x0000_0000 - 0x0003_FFFF
Internal registers and SRAMs
0x1000_0000 - 0x11FF_FFFF
External DRAM (32 Mbytes)
0x1200_0000 - 0x13FF_FFF
Internal SRAM
0x1400_0000 - 0x14FF_FFFF
External ROM/NVRAM space (16 Mbytes)
Table 10. Host Debug Port Address Map
Byte Address Offset
Description
0x0000_0000 - 0x0003_FFFF (I/O space)
Internal Registers and SRAMs
0x0000_0000 - 0x01FF_FFFF (memory space)
External DRAM (32 Mbytes)
0x0200_0000 - 0x0200_7FFF (memory space)
Internal SRAM (32 Kbytes)
Table 11. DSP Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com