Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS98200 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 39Page - Cirrus Logic CS98200 Datasheet HTML 40Page - Cirrus Logic CS98200 Datasheet HTML 41Page - Cirrus Logic CS98200 Datasheet HTML 42Page - Cirrus Logic CS98200 Datasheet HTML 43Page - Cirrus Logic CS98200 Datasheet HTML 44Page - Cirrus Logic CS98200 Datasheet HTML 45Page - Cirrus Logic CS98200 Datasheet HTML 46Page - Cirrus Logic CS98200 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
43
CS98200
Next Generation DVD Processor
124
H_D_1
B4
Host Master Data[1]
B
(1.) Secondary DVD Data[1]
(2.) GPIO_HST[1]
(3.) Primary Host Slave Data[1]
(4.) Primary Video_Out Data[1]
I
B
B
O
125
H_D_2
B4
Host Master Data[2]
B
(1.) Secondary DVD Data[2]
(2.) GPIO_HST[2]
(3.) Primary Host Slave Data[2]
(4.) Primary Video_Out Data[2]
I
B
B
O
126
H_D_3
B4
Host Master Data[3]
B
(1.) Secondary DVD Data[3]
(2.) GPIO_HST[3]
(3.) Primary Host Slave Data[3]
(4.) Primary Video_Out Data[3]
I
B
B
O
127
H_D_4
B4
Host Master Data[4]
B
(1.) Secondary DVD Data[4]
(2.) GPIO_HST[4]
(3.) Primary Host Slave Data[4]
(4.) Primary Video_Out Data[4]
I
B
B
O
128
VIN_VS
B4
Primary Video_In Vsync
I
(1.) Secondary Video_Out Vsync
(2.) GPIO_VIS[8]
(3.) Host Master Chip Select[4]
O
B
O
129
VIN_HS
B4
Primary Video_In Hsync
I
(1.) Secondary Video_Out Hsync
(2.) GPIO_VIS[9]
(3.) Host Master Chip Select[5]
O
B
O
130
IO_3V3
Pwr
IO Power 3.3 V
131
VIN_CLK
B4S
Primary Video_In Clock
I
(1.) Secondary Video_Out Clock
(2.) GPIO_VIS[10]
O
B
132
IO_GND
Gnd
IO Ground
133
H_D_5
B4
Host Master Data[5]
B
(1.) Secondary DVD Data[5]
(2.) GPIO_HST[5]
(3.) Primary Host Slave Data[5]
(4.) Primary Video_Out Data[5]
I
B
B
O
134
H_D_6
B4
Host Master Data[6]
B
(1.) Secondary DVD Data[6]
(2.) GPIO_HST[6]
(3.) Primary Host Slave Data[6]
(4.) Primary Video_Out Data[6]
I
B
B
O
135
H_D_7
B4
Host Master Data[7]
B
(1.) Secondary DVD Data[7]
(2.) GPIO_HST[7]
(3.) Primary Host Slave Data[7]
(4.) Primary Video_Out Data[7]
I
B
B
O
136
H_D_8
B4
Host Master Data[8]
B
(1.) Secondary DVD Control Clock
(2.) GPIO_HST[8]
O
B
137
H_D_9
B4
Host Master Data[9]
B
(1.) Secondary DVD Control Ready
(2.) GPIO_HST[9]
I
B
138
H_D_10
B4
Host Master Data[10]
B
(1.) Secondary DVD Control Data Out
(2.) GPIO_HST[10]
O
B
139
H_D_11
B4
Host Master Data[11]
B
(1.) Secondary DVD Control Data In
(2.) GPIO_HST[11]
I
B
Pin #
Pin Name
Type
Primary Function
Dir
Secondary Function(s)
Dir
Table 14. 240-Pin MQFP Pin Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com