Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4481 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 33Page - Renesas Technology Corp F4481 Datasheet HTML 34Page - Renesas Technology Corp F4481 Datasheet HTML 35Page - Renesas Technology Corp F4481 Datasheet HTML 36Page - Renesas Technology Corp F4481 Datasheet HTML 37Page - Renesas Technology Corp F4481 Datasheet HTML 38Page - Renesas Technology Corp F4481 Datasheet HTML 39Page - Renesas Technology Corp F4481 Datasheet HTML 40Page - Renesas Technology Corp F4481 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
37
December 15, 2020
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot, ringing, etc., the following circuit
at the input of each control pin is recommended. This applies to all control pins. Note the recommended resistor and capacitor values do not
necessarily match the EV kit BOM for the case of poor control signal integrity.
Figure 68. Control Pin Interface for Signal Integrity
CLK
CSb
DATA
STBY_B
STBY_C
STBY_D
STBY_A
8mm x 8mm
3
4
5
6
7
1
2
33
34
35
36
37
38
39
9
10
11
12
13
32
30
31
29
8
14
40
41
42
EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com